công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD17P132CS bảng dữ liệu(PDF) 33 Page - NEC

tên linh kiện UPD17P132CS
Giải thích chi tiết về linh kiện  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD17P132CS bảng dữ liệu(HTML) 33 Page - NEC

Back Button UPD17P132CS Datasheet HTML 29Page - NEC UPD17P132CS Datasheet HTML 30Page - NEC UPD17P132CS Datasheet HTML 31Page - NEC UPD17P132CS Datasheet HTML 32Page - NEC UPD17P132CS Datasheet HTML 33Page - NEC UPD17P132CS Datasheet HTML 34Page - NEC UPD17P132CS Datasheet HTML 35Page - NEC UPD17P132CS Datasheet HTML 36Page - NEC UPD17P132CS Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 289 page
background image
CHAPTER 2
PIN FUNCTIONS
18
2.4 CAUTIONS ON USE OF THE RESET AND INT PINS (in Normal Operation Mode only)
In addition to the function described in 2.1 PIN FUNCTIONS, the RESET pin and the INT pin have the function
(for IC testing only) of setting test mode for testing the internal operation of the
µPD17120 subseries.
If a voltage exceeding the VDD is applied to either of these pins, test mode is set. Therefore, adding a noise
exceeding VDD even in normal operation may result in placing the pin in test mode, thus impeding normal operation.
For example, if the RESET or INT pin wires are laid out too long, wiring noise is added to these pins, thus causing
the above problem. Therefore, make sure that the wires are laid down in such a manner that such inter-wire noises
are suppressed as much as possible. If noise is still a problem, take noise countermeasures based on external parts
as shown in the illustrations below.
•
Connecting a Diode of Small VF between VDDs
•
Connecting a Capacitor between VDDs
VDD
RESET, INT
VDD
Diode whose
VF is small
VDD
RESET, INT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More