công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25LB64CSIS bảng dữ liệu(PDF) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25LB64CSIS
Giải thích chi tiết về linh kiện  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB64CSIS bảng dữ liệu(HTML) 12 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB64CSIS Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB64CSIS Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB64C
12
write protect control and status to the Security Registers. The default state of LB3-LB1 are 0, the security registers are
unlocked. The LB3-LB1 bits can be set to 1 individually using the Write Register instruction. The LB3-LB1 bits are One
Time Programmable, once they are set to 1, the Security Registers will become read-only permanently.
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register (S14). It is used in conjunction with the BP4-BP0
bits to provide more flexibility for the array protection. Please see the Status registers Memory Protection table for details.
The default setting is CMP=0.
SUS1, SUS2 bits
The SUS1 and SUS2 bits are read only bits in the status register (S15 and S10) that are set to 1 after executing an
Program/Erase Suspend (75H) command (The Erase Suspend will set the SUS1 to 1,and the Program Suspend will set
the SUS2 to 1). The SUS1 and SUS2 bits are cleared to 0 by Program/Erase Resume (7AH) command software reset
(66H+99H) command as well as a power-down, power-up cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com