công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD25B32C bảng dữ liệu(PDF) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD25B32C
Giải thích chi tiết về linh kiện  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25B32C bảng dữ liệu(HTML) 8 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25B32C Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25B32C Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25B32C
8
4. DEVICE OPERATION
SPI Mode
Standard SPI
The GD25B32C features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#), Serial
Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is latched on the rising
edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The GD25B32C supports Dual SPI operation when using the
“Dual Output Fast Read” (3BH), “Dual I/O Fast Read”
(BBH)
and “Read Manufacture ID/ Device ID Dual I/O” (92H) commands. These commands allow data to be transferred to
or from the device at two times the rate of the standard SPI. When using the Dual SPI command the SI and SO pins
become bidirectional I/O pins: IO0 and IO1.
Quad SPI
The GD25B32C
supports Quad SPI operation when using the “Quad Output Fast Read”,” Quad I/O Fast Read”,
“Quad I/O Word Fast Read” (6BH, EBH, E7H) commands. These commands allow data to be transferred to or from the
device at four times the rate of the standard SPI. When using the Quad SPI command the SI and SO pins become
bidirectional I/O pins: IO0 and IO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56