| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25B32C bảng dữ liệu(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25B32C bảng dữ liệu(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
46 / 56 page ![]() 3.3V Uniform Sector Dual and Quad Serial Flash GD25B32C 46 8.4. CAPACITANCE MEASUREMENT CONDITIONS Symbol Parameter Min Typ. Max Unit Conditions CIN Input Capacitance 6 pF VIN=0V COUT Output Capacitance 8 pF VOUT=0V CL Load Capacitance 30 pF Input Rise And Fall time 5 ns Input Pulse Voltage 0.1VCC to 0.8VCC V Input Timing Reference Voltage 0.2VCC to 0.7VCC V Output Timing Reference Voltage 0.5VCC V Figure 40. Input Test Waveform and Measurement Level Diagram 0.8VCC 0.1VCC 0.7VCC 0.2VCC 0.5VCC AC Measurement Level Input timing reference level Output timing reference level Note: Input pulse rise and fall time are <5ns |