| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GD25B32C bảng dữ liệu(PDF) 31 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25B32C bảng dữ liệu(HTML) 31 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
31 / 56 page ![]() 3.3V Uniform Sector Dual and Quad Serial Flash GD25B32C 31 Figure 24. Deep Power-Down Sequence Diagram 7.22. Release from Deep Power-Down or High Performance Mode and Read Device ID (RDI) (ABH) The Release from Power-Down or High Performance Mode / Device ID command is a multi-purpose command. It can be used to release the device from the Power-Down state or High Performance Mode or obtain the devices electronic identification (ID) number. To release the device from the Power-Down state or High Performance Mode, the command is issued by driving the CS# pin low, shifting the instruction code “ABH” and driving CS# high as shown in Figure25. Release from Power-Down will take the time duration of tRES1 (See AC Characteristics) before the device will resume normal operation and other c omma nd are accepted. The CS# pin must remain high during the tRES1 time duration. When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by driving the CS# pin low and shifting the instruction code “ABH” followed by 3-dummy byte. The Device ID bits are then shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure26. The Device ID value for the GD25B32C is listed in Manufacturer and Device Identification table. The Device ID can be read continuously. The command is completed by driving CS# high. When used to release the device from the Power-Down state and obtain the Device ID, the command is the same as previously described, and shown in Figure26, except that after CS# is driven high it must remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the device will resume normal operation and other command will be accepted. If the Release from Power-Down / Device ID command is issued while an Erase, Program or Write cycle is in process (when WIP equal 1) the command is ignored and will not have any effects on the current cycle. Figure 25. Release Power-Down Sequence or High Performance Mode Sequence Diagram Command 0 1 2 3 4 5 6 7 B9H CS# SCLK SI tDP Stand-by mode Deep Power-down mode Command 0 1 2 3 4 5 6 7 ABH CS# SCLK SI RES1 Stand-by mode Deep Power-down mode t |