công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD5F2GQ4UE9IG bảng dữ liệu(PDF) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD5F2GQ4UE9IG
Giải thích chi tiết về linh kiện  SPI(x1/x2/x4) NAND Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4UE9IG bảng dữ liệu(HTML) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4UE9IG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
SPI(x1/x2/x4) NAND Flash
2G
48
22 REVISION HISTORY
Version No
Description
Date
Page
1.0
Initial Release
2017-7-3
1.1
Modify Package TFBGA-24BALL (6*8 ball array)
Delete Package WSON8 (6*8mm) & SOP16 300MIL
2017-7-20
1.2
Modify the Number of Figure and Table
Modify some typo of Read Operation Sequence Diagram
Modify TFBGA-24BALL description
2017-9-1
1.3
Delete Package WSON8 in ORDERING INFORMATION
2017-9-26
1.4
Add the Note article 4 of Page Program
2017-10-23
1.5
Add the chapter of Valid Part Numbers
2017-11-3
1.6
Add the description of 2Gb SLC NAND Flash
Add the description of Reliability
Modify the Figure of Program Load Sequence Diagram typo
Modify the package of LGA8
2017-12-11
1.7
Modify the Package of TFBGA24
Modify the typo of LGA8
Add a note for Figure7-1
2017-12-27
1.8
Add 01h address for ID table
2018-1-16
1.9
Modify some typo.
Add Temperature Range J:Industrial(-40
℃ to 105℃) and related
description
Change Memory Mapping CA from <12:0> to <11:0>,RA from
<17:6> to <16:6>
Add a figure to description Read ID sequence
Add page size 2048bytes + 64bytes with ECC enabled
Modify
figure
11-1,11-2,11-4,11-5,11-6
Byte
from
4352
to
2176/2112, and add a note to explain
Merge chapters 2.1 and 20.1
Change the description of protection with WP# Pin
2018-2-13
2.0
Add Temperature Range F:Industrial+ (-40
℃ to 85℃)
2018-3-12
2.1
Modify the Value of Applied Input/ Output Voltage and VCC in
Chapter15
Modify the description of LGA8 6*8mm package
Update Ordering Information
2018-7-25
2.2
Add Note2 to Table13-7
2018-8-21
2.3
Modify the file name
Update the Ordering Information
2018-10-16
2.4
Add Note describe the spare size with Internal ECC ON.
Add the Array Organization with Internal ECC ON.
Add Note of Address with Internal ECC ON.
2019-3-25
4/8
8
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com