công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GD5F2GQ4UE9IG bảng dữ liệu(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

tên linh kiện GD5F2GQ4UE9IG
Giải thích chi tiết về linh kiện  SPI(x1/x2/x4) NAND Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Trang chủ  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD5F2GQ4UE9IG bảng dữ liệu(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD5F2GQ4UE9IG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD5F2GQ4UE9IG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
SPI(x1/x2/x4) NAND Flash
2G
34
13.2 Block Protection
The block lock feature provides the ability to protect the entire device, or ranges of blocks, from the PROGRAM and
ERASE operations. After power-up, the device is in the
“locked” state, i.e., feature bits BP0, BP1and BP2 are set to 1, INV,
CMP and BRWD are set to 0. To unlock all the blocks, or a range of blocks, the SET FEATURES command must be issued
to alter the state of protection feature bits. When BRWD is set and WP# is LOW, none of the writable protection feature
bits can be set. Also, when a PROGRAM/ERASE command is issued to a locked block, status bit OIP remains 0. When an
ERASE command is issued to a locked block, the erase failure, 04H, is returned. When a PROGRAM command is issued
to a locked block, program failure, 08h, is returned.
Table13-2. Block Lock Register Block Protect Bits
CMP
INV
BP2
BP1
BP0
Protect Row Address
Protect Rows
2G
x
x
0
0
0
NONE
None
—all unlocked
0
0
0
0
1
1F800h ~ 1FFFFh
Upper 1/64 locked
0
0
0
1
0
1F000h ~ 1FFFFh
Upper 1/32 locked
0
0
0
1
1
1E000h ~ 1FFFFh
Upper 1/16 locked
0
0
1
0
0
1C000h ~ 1FFFFh
Upper 1/8 locked
0
0
1
0
1
18000h ~ 1FFFFh
Upper 1/4 locked
0
0
1
1
0
10000h ~ 1FFFFh
Upper 1/2 locked
x
x
1
1
1
0000h ~ 1FFFFh
All locked (default)
0
1
0
0
1
0000h ~7FFh
Lower 1/64 locked
0
1
0
1
0
0000h ~FFFh
Lower 1/32 locked
0
1
0
1
1
0000h ~ 1FFFh
Lower 1/16 locked
0
1
1
0
0
0000h ~ 3FFFh
Lower 1/8 locked
0
1
1
0
1
0000h ~ 7FFFh
Lower 1/4 locked
0
1
1
1
0
0000h ~ FFFFh
Lower 1/2 locked
1
0
0
0
1
0000h ~ 1F7FFh
Lower 63/64 locked
1
0
0
1
0
0000h ~ 1EFFFh
Lower31/32 locked
1
0
0
1
1
0000h ~ 1DFFFh
Lower 15/16 locked
1
0
1
0
0
0000h ~ 1BFFFh
Lower7/8 locked
1
0
1
0
1
0000h ~ 17FFFh
Lower3/4 locked
1
0
1
1
0
0000h ~ 003Fh
Block0
1
1
0
0
1
0800h ~ 1FFFFh
Upper 63/64 locked
1
1
0
1
0
1000h ~ 1FFFFh
Upper31/32 locked
1
1
0
1
1
2000h ~ 1FFFFh
Upper 15/16 locked
1
1
1
0
0
4000h ~ 1FFFFh
Upper7/8 locked
1
1
1
0
1
8000h ~ 1FFFFh
Upper3/4 locked
1
1
1
1
0
0000h ~ 003Fh
Block0
When WP# is not LOW, user can issue bellows commands to alter the protection states as want.
• Issue SET FEATURES register write (1FH)
• Issue the feature bit address (A0h) and the feature bits combination as the table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com