| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCD6003 bảng dữ liệu(PDF) 23 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCD6003 bảng dữ liệu(HTML) 23 Page - NXP Semiconductors |
|
23 / 96 page ![]() 2001 Apr 17 23 Philips Semiconductors Product specification Digital telephone answering machine chip PCD6003 10.3 SFR mapping The SFR mapping for the microcontroller is shown in Table 12. All SFRs and their reset states are described in Table 13. Table 12 SFR mapping Notes 1. SFRs in this column are both bit and byte-addressable. 2. Complies to 80C51 family architecture specification. 3. These registers are read only (all other SFRs are read/write). 4. Reserved register, used for testing purposes. Writing of reserved or undocumented bits might lead to unexpected behaviour of the device (see Section 10.8). SFR ADDRESS (HEX) SPECIAL FUNCTION REGISTERS 8 BITS EACH ADDRESSABLE(1) ONLY BYTE ADDRESSABLE F8 to FF IP1(2) − − −−−− WDT(2) F0 to F7 B(2) − − −−−− WDTKEY E8 to EF IEN1(2) IX1 − −−−− − E0 to E7 ACC(2) − − −−−− − D8 to DF S1CON(2) S1STA(2)(3) S1DAT(2) S1ADR(2) −−− − D0 to D7 PSW(2) − − −−−− − C8 to CF MCON MBUF MSTAT −−−− − C0 to C7 IRQ1 INTC GPADR(3) GPADC GPDAR SYMOD − DTCON B8 to BF IP0(2) XWUD VREFR CDVC1 CDVC2 CDTR1(4) − TCTRL(4) B0 to B7 P3(2) −− − − PMTR1(4) PMTR2(4) CDTR2(4) A8 to AF IEN0(2) MCSC MCSD ALTP −−− − A0 to A7 −− DTM0(3) DTM1(3) DTM2(3) MTD0 MTD1 MTD2 98 to 9F P4 SPCON CKCON RTCON − CDTR1(4) − P4CFG 90 to 97 P1(2) − − −−−− − 88 to 8F TCON(2) TMOD(2) TL0(2) TL1(2) TH0(2) TH1(2) −− 80 to 87 − SP(2) DPL(2) DPH(2) −−− PCON |