| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM5728 bảng dữ liệu(PDF) 141 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 bảng dữ liệu(HTML) 141 Page - Texas Instruments |
|
141 / 415 page ![]() 141 AM5729, AM5728, AM5726 www.ti.com SPRS953F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-24. Keyboard Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL kbd_row2 Keypad row 2 I AG4/ G1 kbd_row3 Keypad row 3 I AG2/ G6 kbd_row4 Keypad row 4 I AG3/ F2 kbd_row5 Keypad row 5 I AG5/ F3 kbd_row6 Keypad row 6 I AF2/ D1 kbd_row7 Keypad row 7 I AF6/ F6 kbd_row8 Keypad row 8 I AF3/ C2 kbd_col0 Keypad column 0 O AF4/ E2 kbd_col1 Keypad column 1 O AF1/ D2 kbd_col2 Keypad column 2 O AE3/ F4 kbd_col3 Keypad column 3 O AE5/ C1 kbd_col4 Keypad column 4 O AE1/ E4 kbd_col5 Keypad column 5 O AE2/ F5 kbd_col6 Keypad column 6 O AE6/ E6 kbd_col7 Keypad column 7 O AD2/ D3 kbd_col8 Keypad column 8 O AD3/ D5 4.4.22 Pulse Width Modulation (PWM) NOTE For more information, see the Pulse-Width Modulation (PWM) subsystem section of the device TRM. Table 4-25. PWM Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL PWMSS1 eQEP1A_in EQEP1 Quadrature Input A I E1/ AD9 eQEP1B_in EQEP1 Quadrature Input B I G2/ AF9 eQEP1_index EQEP1 Index Input IO AE9/ H7 eQEP1_strobe EQEP1 Strobe Input IO G1/ AF8 ehrpwm1A EHRPWM1 Output A O AE8/ G6 ehrpwm1B EHRPWM1 Output B O AD8/ F2 ehrpwm1_tripzone_in put EHRPWM1 Trip Zone Input IO AG7/ F3 eCAP1_in_PWM1_out ECAP1 Capture Input / PWM Output IO AH6/ D1 ehrpwm1_synci EHRPWM1 Sync Input I AH3/ E2 ehrpwm1_synco EHRPWM1 Sync Output O AH5/ D2 PWMSS2 eQEP2A_in EQEP2 Quadrature Input A I AG6/ F4 eQEP2B_in EQEP2 Quadrature Input B I AH4/ C1 eQEP2_index EQEP2 Index Input IO AG4/ E4 eQEP2_strobe EQEP2 Strobe Input IO AG2/ F5 ehrpwm2A EHRPWM2 Output A O AC5/ E6 ehrpwm2B EHRPWM2 Output B O AB4/ D3 ehrpwm2_tripzone_in put EHRPWM2 Trip Zone Input IO AD4/ F6 eCAP2_in_PWM2_out ECAP2 Capture Input / PWM Output IO AC4/ D5 |