| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM5728 bảng dữ liệu(PDF) 86 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 bảng dữ liệu(HTML) 86 Page - Texas Instruments |
|
86 / 415 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 86 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Table 4-2. Ball Characteristics(1) (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] PN [4] MUXMODE [5] TYPE [6] BALL RESET STATE [7] BALL RESET REL. STATE [8] BALL RESET REL. MUXMODE [9] I/O VOLTAGE VALUE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] DSIS [15] B11 vout1_fld vout1_fld No 0 O PD PD 15 1.8/3.3 vddshv2 Yes Dual Voltage LVCMOS PU/PD vin4a_clk0 3 I 0 vin3a_clk0 4 I 0 spi3_cs1 8 IO 1 gpio4_21 14 IO Driver off 15 I C11 vout1_hsync vout1_hsync No 0 O PD PD 15 1.8/3.3 vddshv2 Yes Dual Voltage LVCMOS PU/PD vin4a_hsync0 3 I 0 vin3a_hsync0 4 I 0 spi3_d0 8 IO 0 gpio4_22 14 IO Driver off 15 I E11 vout1_vsync vout1_vsync No 0 O PD PD 15 1.8/3.3 vddshv2 Yes Dual Voltage LVCMOS PU/PD vin4a_vsync0 3 I 0 vin3a_vsync0 4 I 0 spi3_sclk 8 IO 0 pr2_pru1_gpi17 12 I pr2_pru1_gpo17 13 O gpio4_23 14 IO Driver off 15 I A1, A14, A2, A23, A28, A6, AA10, AA14, AA15, AA20, AA8, AA9, AB14, AB20, AD1, AD24, AG1, AH1, AH2, AH20, AH28, AH8, B1, D13, D19, E13, E19, F1, F7, G7, G8, G9, H12, J12, J15, J28, K1, K15, K24, K25, K4, K5, L13, L14, M19, N14, N15, N19, N24, N25, P28, R1, R12, R13, R15, R21, T10, T11, T12, T14, T15, T17, T18, T21, U15, U17, U20, U21, V15, V17, W1, W15, W24, W25, W28 vss vss GND AD19, AE19 vssa_hdmi vssa_hdmi GND AF15 vssa_osc0 vssa_osc0 GND |