công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM5728 bảng dữ liệu(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM5728
Giải thích chi tiết về linh kiện  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 bảng dữ liệu(HTML) 137 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 133Page - Texas Instruments AM5728 Datasheet HTML 134Page - Texas Instruments AM5728 Datasheet HTML 135Page - Texas Instruments AM5728 Datasheet HTML 136Page - Texas Instruments AM5728 Datasheet HTML 137Page - Texas Instruments AM5728 Datasheet HTML 138Page - Texas Instruments AM5728 Datasheet HTML 139Page - Texas Instruments AM5728 Datasheet HTML 140Page - Texas Instruments AM5728 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 415 page
background image
137
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-23. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio3_13
General-Purpose Input/Output
IO
AG2
gpio3_14
General-Purpose Input/Output
IO
AG3
gpio3_15
General-Purpose Input/Output
IO
AG5
gpio3_16
General-Purpose Input/Output
IO
AF2
gpio3_17
General-Purpose Input/Output
IO
AF6
gpio3_18
General-Purpose Input/Output
IO
AF3
gpio3_19
General-Purpose Input/Output
IO
AF4
gpio3_20
General-Purpose Input/Output
IO
AF1
gpio3_21
General-Purpose Input/Output
IO
AE3
gpio3_22
General-Purpose Input/Output
IO
AE5
gpio3_23
General-Purpose Input/Output
IO
AE1
gpio3_24
General-Purpose Input/Output
IO
AE2
gpio3_25
General-Purpose Input/Output
IO
AE6
gpio3_26
General-Purpose Input/Output
IO
AD2
gpio3_27
General-Purpose Input/Output
IO
AD3
gpio3_28
General-Purpose Input/Output
IO
E1
gpio3_29
General-Purpose Input/Output
IO
G2
gpio3_30
General-Purpose Input/Output
IO
H7
gpio3_31
General-Purpose Input/Output
IO
G1
GPIO 4
gpio4_0
General-Purpose Input/Output
IO
G6
gpio4_1
General-Purpose Input/Output
IO
F2
gpio4_2
General-Purpose Input/Output
IO
F3
gpio4_3
General-Purpose Input/Output
IO
D1
gpio4_4
General-Purpose Input/Output
IO
E2
gpio4_5
General-Purpose Input/Output
IO
D2
gpio4_6
General-Purpose Input/Output
IO
F4
gpio4_7
General-Purpose Input/Output
IO
C1
gpio4_8
General-Purpose Input/Output
IO
E4
gpio4_9
General-Purpose Input/Output
IO
F5
gpio4_10
General-Purpose Input/Output
IO
E6
gpio4_11
General-Purpose Input/Output
IO
D3
gpio4_12
General-Purpose Input/Output
IO
F6
gpio4_13
General-Purpose Input/Output
IO
D5
gpio4_14
General-Purpose Input/Output
IO
C2
gpio4_15
General-Purpose Input/Output
IO
C3
gpio4_16
General-Purpose Input/Output
IO
C4
gpio4_17
General-Purpose Input/Output
IO
A12
gpio4_18
General-Purpose Input/Output
IO
E14
gpio4_19
General-Purpose Input/Output
IO
D11
gpio4_20
General-Purpose Input/Output
IO
B10
gpio4_21
General-Purpose Input/Output
IO
B11
gpio4_22
General-Purpose Input/Output
IO
C11
gpio4_23
General-Purpose Input/Output
IO
E11
gpio4_24
General-Purpose Input/Output
IO
B2
gpio4_25
General-Purpose Input/Output
IO
D6
gpio4_26
General-Purpose Input/Output
IO
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More