công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ALT80800KLPATR bảng dữ liệu(PDF) 8 Page - Allegro MicroSystems

tên linh kiện ALT80800KLPATR
Giải thích chi tiết về linh kiện  Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80800KLPATR bảng dữ liệu(HTML) 8 Page - Allegro MicroSystems

Back Button ALT80800KLPATR Datasheet HTML 4Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 5Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 6Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 7Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 8Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 9Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 10Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 11Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Automotive-Grade, Constant-Current 2.0 A
PWM Dimmable Synchronous Buck LED Driver
ALT80800
8
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Switching Frequency
The ALT80800 operates in fixed on-time mode during switching.
The on-time (and hence switching frequency) is programmed
using an external resistor connected between the TON pin and
ground, as given by the following equation:
tON = k × (RON + RINT) × ( VOUT / VIN )
fSW = 1 / [ k × (RON + RINT)]
where k = 0.0127, with fSW in MHz, tON in µs, and RON and RINT
(internal resistance, 3 kΩ) in kΩ.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
100
200
300
400
500
600
700
800
900
1000
RON (kΩ)
2.4
Figure 6: Switching Frequency vs. TON resistance
To minimize the peaks of switching frequency harmonics in EMC
measurement, a dithering feature is implemented. The dithering
range is internally set at ±5%. The actual switching frequency is
swept linearly between 0.95 × fSW and 1.05 × fSW, where fSW is
the programmed switching frequency. The rate of modulation for
fSW is fixed internally at 12.5 kHz.
ENABLE AND DIMMING
The ALT80800 is activated when a logic high signal is applied to
the EN (enable) pin and VIN = VVCCIN is above UVLO threshold
4.3 V. The buck converter ramps up the LED current to a target 
level set by RSENSE when PWM pin = High.
The EN pin is high-voltage tolerant and can be directly connected
to a power supply. However, if VEN is higher than the VIN voltage
at any time, a series resistor (10 kΩ) is required to limit the current 
flowing into the EN pin. This resistor is helpful in preventing EN
from damage in case of reverse-battery connection. This series
resistor is not necessary if EN is driven from a logic input.
The PWM pin is a logic input pin and is internally pulled up to
VCC through a resistor.
EN pin and PWM pin function as illustrated below:
EN pin
PWM pin
VCC
LED
High
Low
ON
OFF
High
High/Open
ON
ON
Low
x
Shutdown
When the EN pin is forced from high to low, the LED current is
turned off, but the IC remains in standby mode for up to at least
10 ms. If EN goes high again within this period, the LED current
is turned on immediately if PWM pin is high. If EN pin is low for
more than tOFFDelay, the IC enters shutdown mode to reduce power
consumption. The next high signal on EN will initialize a full
startup sequence, which includes a startup delay of approximately
150 μs. This startup delay is not present during PWM operation.
Active dimming of the LED is achieved with 2 options: by send-
ing a PWM (pulse-width modulation) signal to the EN pin (while
PWM = High), or by sending a dimming PWM signal to the
PWM pin (while EN is enabled) as illustrated in the table above.
The resulting LED brightness is proportional to the duty cycle of
the applied PWM signal. A practical range for PWM dimming
frequency is between 100 Hz (period = 10 ms) and 2 kHz.
If the PWM dimming signal at PWM pin is low when the EN pin
is high, the LED will be off immediately and IC is alive waiting
for next PWM pulse. The internal LDO is still on and can provide
bias to the internal and external circuits.
In PWM dimming operation and when VIN is above 40 V, a
10 kΩ resistor is needed to be in parallel with a 0.047 µF output 
capacitor across the LED string to facilitate BOOT charging dur-
ing PWM dimming OFF period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com