công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ALT80800KLPATR bảng dữ liệu(PDF) 7 Page - Allegro MicroSystems

tên linh kiện ALT80800KLPATR
Giải thích chi tiết về linh kiện  Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ALT80800KLPATR bảng dữ liệu(HTML) 7 Page - Allegro MicroSystems

Back Button ALT80800KLPATR Datasheet HTML 3Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 4Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 5Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 6Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 7Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 8Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 9Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 10Page - Allegro MicroSystems ALT80800KLPATR Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Automotive-Grade, Constant-Current 2.0 A
PWM Dimmable Synchronous Buck LED Driver
ALT80800
7
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
The ALT80800 is a synchronous buck regulator designed for
driving a high-current LED string. It uses average current mode
control to maintain constant LED current and consistent bright-
ness. The LED current level is easily programmable by selection
of an external sense resistor, with a value determined as follows:
iLED = VCSREG / RSENSE
where VCSREG = VCSH – VCSL = 0.2 V typical.
If necessary, a resistor can be inserted in series with the CSL pin
to fine-tune the LED current, as shown below:
CSH
CSL Radj
RSENSE
VCSREG
+
VSENSE
–
iLED
iCSH
iCSL
–
+
iCSL × Radj
VCSREG = iLED × RSENSE + iCSL × Radj
Therefore
iLED = (VCSREG – iCSL × Radj) / RSENSE
Figure 3: How To Fine-Tune LED Current Using Radj
For example, with a desired LED current of 1.4 A, the required
RSENSE = 0.2 V / 1.4 A = 0.143 Ω. But the closest power resistor 
available is 0.13 Ω. Therefore, the difference is
Radj × iCSL = 0.2 V – 1.4 A × 0.13 Ω = 0.018 V
where iCSL = 75 µA typical
Radj = 0.018 V / 75 µA = 240 Ω
The LED current is further modulated by the ADIM (Analog
Dimming) pin voltage. This feature can be used for LED bright-
ness calibration, or for thermal foldback protection. See Analog
Dimming section for details.
Synchronous Regulation
The ALT80800 integrates an N-channel DMOS as the low-side
switch to implement synchronous regulation for LED drivers, as
shown in Figure 4.
CBOOT
SW
BOOT
GND
VIN
Floating
Gate Driver
Integrated
Switch
SW
L
i_L
Rsc
CLED
VOUT
Boot
Charger
ALT80800
Figure 4: Synchronous Buck LED Driver
The Synchronous configuration can effectively pull down SW
to ground by forcing the low-side synchronous switch on even
with small inductor current, as shown in Figure 5. Therefore, the
BOOT capacitor can be charged normally every switch cycle to 
ensure the normal operation of buck LED drivers.
Figure 5: Normal SW waveform with SR configuration
when VIN ≈ VOUT: VIN = 5.4 V, VOUT = 5.14 V
(2 white LEDs)
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com