công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GPR27P01GA bảng dữ liệu(PDF) 18 Page - Generalplus Technology Inc.

tên linh kiện GPR27P01GA
Giải thích chi tiết về linh kiện  1G-BIT NAND INTERFACE OTP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENERALPLUS [Generalplus Technology Inc.]
Trang chủ  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR27P01GA bảng dữ liệu(HTML) 18 Page - Generalplus Technology Inc.

Back Button GPR27P01GA Datasheet HTML 14Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 15Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 16Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 17Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 18Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 19Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 20Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 21Page - Generalplus Technology Inc. GPR27P01GA Datasheet HTML 22Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
GPR27P01GA
© Generalplus Technology Inc.
Proprietary & Confidential
18
Dec. 21, 2009
Version: 1.4
5. ELECTRICAL SPECIFICATIONS
5.1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
-0.5 to +4.6
V
Input Voltage
VI
-0.3 to VCC+0.3
V
Input / Output Voltage
VI/O
-0.3 to VCC+0.3 (≤ 4.6)
V
Operating Ambient Temperature
TA
0 to 70
°
C
Storage Temperature
Tstg
-65 to +150
°
C
Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent damage. The device is
not meant to be operated under conditions outside the limits described in the operational section of this specification. Exposure to
Absolute Maximum Rating conditions for extended periods may affect device reliability.
5.2. Capacitance (TA = 25°C)
Parameter
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input Capacitance
CI
-
-
10
pF
Output Capacitance
CO
f = 1 MHz
-
-
10
pF
5.3. DC Characteristics (TA = 0 to 70°C, VCC = 2.7~3.6V)
Parameter
Symbol
Test condition
Min.
Typ.
Max.
Unit
High Level Input Voltage
VIH
-
2.0
-
VCC+0.3
V
Low Level Input Voltage
VIL
-
-0.3
-
+0.8
V
High Level Output Voltage
VOH
IOH =-400uA
2.4
-
-
V
Low Level Output Voltage
VOL
IOL = 2.1mA
-
-
0.4
V
Input Leakage Current
ILI
VI = 0 V to VCC
-
-
±
10
uA
Output Leakage Current
ILO
VO = 0 V to VCC
-
-
±
10
uA
Power Supply Current in Read
ICCO1
CE = VIL, IOUT =0mA,
tCYCLE = 25ns
-
-
30
mA
Power Supply Current in Command Input
ICCO3
tCYCLE = 25ns
-
-
30
mA
Power Supply Current in Address Input
ICCO5
tCYCLE = 25ns
-
-
30
mA
Standby Current (CMOS)
ICCS2
CE = VCC-0.2 V
-
10
50
uA
RB Pin Output Current
IOL(RB)
VOL = 0.4 V
-
8
-
mA
5.4. AC Characteristics (TA = 0 to 70°C, VCC = 2.7~3.6V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
CLE Setup Time
tCLS
12
-
-
ns
CLE Hold Time
tCLH
5
-
-
ns
CE Setup Time
tCS
20
-
-
ns
CE Hold Time
tCH
5
-
-
ns
Write Pulse Width
tWP
12
-
-
ns
ALE Setup Time
tALS
12
-
-
ns
ALE Hold Time
tALH
5
-
-
ns
Data Setup Time
tDS
12
-
-
ns
Data Hold Time
tDH
5
-
-
ns
Write Cycle Time
tWC
25
-
-
ns
WE High Hold Time
tWH
10
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com