công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DHT bảng dữ liệu(PDF) 121 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT bảng dữ liệu(HTML) 121 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 117Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 118Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 119Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 120Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 121Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 122Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 123Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 124Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 125Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 160 page
background image
Version 2.2
121
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Input/Output Capacitance
Parameter
Symbol
800
1066
1333
1600
1866
2133
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Input/output capacitance
(DQ, DM, DQS,
,
TDQS,
T)
CIO
(DDR3)
1.4
3.0
1.4
2.7
1.4
2.5
1.4
2.3
1.4
2.2
1.4
2.1
pF
1,2,3
CIO
(DDR3L)
1.4
2.5
1.4
2.5
1.4
2.3
1.4
2.2
1.4
2.1
-
-
pF
1,2,3
Input capacitance, CK and

CCK
0.8
1.6
0.8
1.6
0.8
1.4
0.8
1.4
0.8
1.3
0.8
1.3
pF
2,3
Input capacitance delta, CK and

CDCK
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,4
Input/output capacitance delta
DQS and

CDDQS
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,5
Input capacitance,
(CTRL, ADD,CMD input-only pins)
CI
(DDR3)
0.75
1.4
0.75
1.35
0.75
1.3
0.75
1.3
0.75
1.2
0.75
1.2
pF
2,3,6
CI
(DDR3L)
0.75
1.3
0.75
1.3
0.75
1.3
0.75
1.2
0.75
1.2
-
-
pF
2,3,6
Input capacitance delta,
(All CTRL input-only pins
CDI_CTRL
-0.5
0.3
-0.5
0.3
-0.4
0.2
-0.4
0.2
-0.4
0.2
-0.4
0.2
pF
2,3,7,8
Input capacitance delta,
(All ADD/CMD input-only pins)
CDI_ADD_
CMD
-0.5
0.5
-0.5
0.5
-0.4
0.4
-0.4
0.4
-0.4
0.4
-0.4
0.4
pF
2,3,9,
10
Input/output capacitance delta, DQ,
DM, DQS,
, TDQS, T
CDIO
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
pF
2,3,11
Input/output capacitance of ZQ pin
CZQ
-
3
-
3
-
3
-
3
-
3
-
3
pF
2,3,12
NOTE 1. Although the DM, TDQS and
T pins have different functions, the loading matches DQ and DQS
NOTE 2. This parameter is not subject to production test. It is verified by design and characterization. The capacitance is measured
according to JEP147(“PROCEDURE FOR MEASURING INPUT CAPACITANCE USING A VECTOR NETWORK ANALYZER(VNA)”)
with VDD, VDDQ, VSS, VSSQ applied and all other pins floating (except the pin under test, CKE,
REET and ODT as necessary).
VDD=VDDQ=1.5V, VBIAS=VDD/2 and ondie termination off.
NOTE 3. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here
NOTE 4. Absolute value of CCK-

NOTE 5. Absolute value of CIO(DQS)-CIO(
)
NOTE 6. CI applies to ODT,
, CKE, A0-A13, BA0-BA2, RA, A, WE.
NOTE 7. CDI_CTRL applies to ODT,
 and CKE
NOTE 8. CDI_CTRL=CI(CTRL)-0.5*(CI(CLK)+CI(
L))
NOTE 9. CDI_ADD_CMD applies to A0-A13, BA0-BA2,
RA, A and WE
NOTE 10. CDI_ADD_CMD=CI(ADD_CMD) - 0.5*(CI(CLK)+CI(
L))
NOTE 11. CDIO=CIO(DQ,DM) - 0.5*(CIO(DQS)+CIO(
))
NOTE 12. Maximum external load capacitance on ZQ pin: 5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com