công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NT5CC64M16GP-DHT bảng dữ liệu(PDF) 113 Page - Nanya Technology Corporation.

tên linh kiện NT5CC64M16GP-DHT
Giải thích chi tiết về linh kiện  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NANYA [Nanya Technology Corporation.]
Trang chủ  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT bảng dữ liệu(HTML) 113 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 109Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 110Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 111Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 112Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 113Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 114Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 115Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 116Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 117Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 160 page
background image
Version 2.2
113
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
On-Die Termination (ODT) Levels and I-V Characteristics
On-Die Termination effective resistance RTT is defined by bits A9, A6, and A2 of the MR1 Register.
ODT is applied to the DQ, DM, DQS/
, and TDQS/T (x8 devices only) pins.
A functional representation of the on-die termination is shown in the following figure. The individual pull-up and pull-down
resistors (RTTPu and RTTPd) are defined as follows:
under the condition that RTTPd is turned off
(3)
under the condition that RTTPu is turned off
(4)
On-Die Termination: Definition of Voltages and Currents
| IOut |
VDDQ – VOut
RTTPu =
| IOut |
VOut
RTTPd =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com