công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BMP085 bảng dữ liệu(PDF) 8 Page - Bosch Sensortec GmbH

tên linh kiện BMP085
Giải thích chi tiết về linh kiện  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOSCH [Bosch Sensortec GmbH]
Trang chủ  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 bảng dữ liệu(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 8
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
3 Operation
3.1 General description
The BMP085 is designed to be connected directly to a microcontroller of a mobile device via the
I
2C bus. The pressure and temperature data has to be compensated by the calibration data of
the E
2PROM of the BMP085.
3.2 General function and application schematics
The BMP085 consists of a piezo-resistive sensor, an analog to digital converter and a control
unit with E
2PROM and a serial I2C interface. The BMP085 delivers the uncompensated value of
pressure and temperature. The E
2PROM has stored 176 bit of individual calibration data. This is
used to compensate offset, temperature dependence and other parameters of the sensor.
• UP = pressure data (16 to 19 bit)
• UT = temperature data (16 bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27