| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSM7580 bảng dữ liệu(PDF) 15 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM7580 bảng dữ liệu(HTML) 15 Page - OKI electronic componets |
|
15 / 18 page ![]() 15/17 ¡ Semiconductor MSM7580 (3) PCMÆADPCM, ADPCMÆPCM during Transcode (a) CODER Timing Diagram 123456 1234 78 MSB LSB MSB LSB Tsip t4 A PCM Input Data PCM Output Data 104.2 ms 119.8 ms t1 t2 MSB LSB LSB MSB t5 Tsoa MSB LSB MSB ADPCM Input Data Tsia t6 t7 t3 Tsop B 65.2 ms 119.8 ms t2 t0 * * t5 is the rising edge of SYNCA. * t7 is the rising edge of SYNCP. SYNCA SYNCP BLCKP SIP Internal (1) Timing (2) Timing (3) SOA SYNCA BCLKA SIA Internal (6) SYNCP Timing (4) Timing (5) SOP t4 is the falling edge of the 8th BCLK counted from the rising edge of SYNCP. * t6 is the falling edge of the 4th BCLK counted from the rising edge of SYNCA. (b) DECODER Timing Diagram (c) Internal Circuit Configuration SIP SYNCP BCLKP SOP SOA SYNCA BCLKA SIA (1) 8bit 8bit 8bit To CODER From DECODER To DECODER From CODER (2) (5) (3) (4) SYNCA (6) 8bit S / P Latch P / S Latch PLL Latch S / P P / S Latch |