công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

175-4021 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện 175-4021
Giải thích chi tiết về linh kiện  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  175-4021 Datasheet HTML 1Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 2Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 3Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 4Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 5Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 6Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 7Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 8Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
RWMA CLASS 1
RWMA CLASS 2
TUFFALOY
standard straight tips
45
°
R
C
1/2
1/2
EE
A
F
D
F
D
A
AD
E
F
Overall
Gauging
Water Hole
Water Hole
Length
Dia.
Depth
Dia.
5/16
E-1708
140-1708
E-2708
140-2708
5/16
E-1710
140-1710
E-2710
140-2710
5/16
E-1712
140-1712
E-2712
140-2712
5/16
E-1714
140-1714
E-2714
140-2714
5/16
E-1716
140-1716
E-2716
140-2716
2
.731
1-1/4
7/16
2-1/2
.731
1-3 /4
7/16
3
.731
2-1/4
7/16
3-1/2
.731
2-3/4
7/16
4
.731
3-1/4
7/16
2
.844
1-1/4
1/2
2-1/2
.844
1-3/4
1/2
3
.844
2-1/4
1/2
3-1/2
.844
2-3/4
1/2
4
.844
3-1/2
1/2
1-1/4
.613
3/4
3/8
1-1/2
.613
3/4
3/8
1-3/4
.613
1
3/8
2
.613
1-1/4
3/8
2-1/4
.613
1-1/2
3/8
2-1/2
.613
1-3/4
3/8
2-3/4
.613
2
3/8
3
.613
2-1/4
3/8
3-1/4
.613
2-1/2
3/8
3-1/2
.613
2-3/4
3/8
3-3/4
.613
3
3/8
4
.613
3-1/4
3/8
1
.463
1/2
9/32
1-1/4
.463
3/4
9/32
1-1/2
.463
1
9/32
1-3/4
.463
1-1/4
9/32
2
.463
1-1/2
9/32
2-1/4
.463
1-3/4
9/32
2-1/2
.463
2
9/32
2-3/4
.463
2-1/4
9/32
3
.463
2-1/2
9/32
3-1/4
.463
2-3/4
9/32
3-1/2
.463
3
9/32
3-3/4
.463
3-1/4
9/32
4
.463
3-1/2
9/32
9/32
E-1608
140-1618
E-2608
140-2608
9/32
E 1610
140-1610
E-2610
140-2610
9/32
E-1612
140-1612
E-2612
140-2612
9/32
E-1614
140-1614
E-2614
140-2614
9/32
E-1616
140-1616
E-2616
140-2616
1/4
E-1505
140-1505
E-2505
140-2505
1/4
E-1506
140-1506
E-2506
140-2506
1/4
E-1507
140-1507
E-2507
140-2507
1/4
E-1508
140-1508
E-2508
140-2508
1/4
E-1509
140-1509
E-2509
140-2509
1/4
E-1510
140-1510
E-2510
140-2510
1/4
E-1511
140-1511
E-2511
140-2511
1/4
E-1512
140-1512
E-2512
140-2512
1/4
E-1513
140-1513
E-2513
140-2513
1/4
E-1514
140-1514
E-2514
140-2514
1/4
E-1515
140-1515
E-2515
140-2515
1/4
E-1516
140-1516
E-2516
140-2516
3/16
E-1404
140-1404
E-2404
140-2404
3/16
E-1405
140-1405
E-2405
140-2405
3/16
E-1406
140-1406
E-2406
140-2406
3/16
E-1407
140-1407
E-2407
140-2407
3/16
E-1408
140-1408
E-2408
140-2408
3/16
E-1409
140-1409
E-2409
140-2409
3/16
E-1410
140-1410
E-2410
140-2410
3/16
E-1411
140-1411
E-2411
140-2411
3/16
E-1412
140-1412
E-2412
140-2412
3/16
E-1413
140-1413
E-2413
140-2413
3/16
E-1414
140-1414
E-2414
140-2414
3/16
E-1415
140-1415
E-2415
140-2415
3/16
E-1416
140-1416
E-2416
140-2416
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
NO. 4 RW TAPER - 1/2” DIAMETER
NO. 5 RW TAPER - 5/8” DIAMETER
NO. 6 RW TAPER - 3/4” DIAMETER
NO. 7 RW TAPER - 7/8” DIAMETER
C
Welding
Face Dia.
‘E’ TRUNCATED CONE
RWMA CLASS 1
RWMA CLASS 2
6
F-1708
141-1708
F 2708
141-2708
6
F-1710
141-1710
F-2710
141-2710
6
F-1712
141-1712
F-2712
141-2712
6
F-1714
141-1714
F-2714
141-2714
6
F-1716
141-1716
F-2716
141-2716
4
F-1608
141-1608
F-2608
141-2608
4
F-1610
141-1610
F-2610
141-2610
4
F-1612
141-1612
F-2612
141-2612
4
F-1614
141-1614
F-2614
141-2614
4
F-1616
141-1616
F-2616
141-2616
2
F-1515
141-1505
F-2505
141-2505
2
F-1506
141-1506
F-2506
141-2506
2
F-1507
141-1507
F-2507
141-2507
2
F-1508
141-1508
F-2508
141-2508
2
F-1509
141-1509
F-2509
141-2509
2
F-1510
141-1510
F-2510
141-2510
2
F-1511
141-1511
F-2511
141-2511
2
F-1512
141-1512
F-2512
141-2512
2
F-1513
141-1513
F-2513
141-2513
2
F-1514
141-1514
F-2514
141-2514
2
F-1515
141-1515
F-2515
141-2515
2
F-1516
141-1516
F-2516
141-2516
2
F-1404
141-1404
F-2404
141-2404
2
F-1405
141-1405
F-2405
141-2405
2
F-1406
141-1406
F-2406
141-2406
2
F-1407
141-1407
F-2407
141-2407
2
F-1408
141-1408
F-2408
141-2408
2
F-1409
141-1409
F-2409
141-2409
2
F-1410
141-1410
F-2410
141-2410
2
F-1411
141-1411
F-2411
141-2411
2
F-1412
141-1412
F-2412
141-2412
2
F-1413
141-1413
F-2413
141-2413
2
F-1414
141-1414
F-2414
141-2414
2
F-1415
141-1415
F-2415
141-2415
2
F-1416
141-1416
F-2416
141-2416
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
‘F’ RADIUS FACED
R
Nose
Radius
TIP SIZE
LENGTH
4 RW
1/2-in.
5 RW
3/4-in.
6 RW
7/8-in.
7 RW
1-1/8-in.
TAPER ENGAGEMENT
KEY TO DESCRIPTION
Nose Designation
RWMA
Alloy Class
RW Taper No.
Length, in Number of 1/4-in. increments
E-2-5-10
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54