công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

175-4021 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 175-4021
Giải thích chi tiết về linh kiện  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  175-4021 Datasheet HTML 1Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 2Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 3Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 4Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 5Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 6Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 7Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 8Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
RWMA CLASS 1
RWMA CLASS 2
The bright shiny look of TUFFALOY tips is the result
of a passivation process that eliminates excessive
oxidation. It reflects the deep-down quality built into
these tips and into all TUFFALOY products.
Only RWMA Class 1 (TUFFALOY 88) and Class 2
(TUFFALOY 77) tips are listed here. Class 3 alloy
(TUFFALOY 55) tips are also available. For
recommended uses of these alloys, see page 46.
To order Class 3 alloy tips, change description code
to indicate it: see “Key to Description”, page 4.
30˚
45˚ ON
TIPS 1-1/4
OR LESS IN
LENGTH
C
C
1/2
1/2
EE
A
F
D
F
D
A
AD
E
F
Overall
Gauging
Water Hole
Water Hole
Length
Dia.
Depth
Dia.
7/8
C-1708
135-1708
C-2708
136-2708
7/8
C-1710
135-1710
C-2710
136-2710
7/8
C-1712
135-1712
C-2712
136-2712
7/8
C-1714
135-1714
C-2714
136-2714
7/8
C-1716
135-1716
C-2716
136-2716
2
.731
1-1
7/16
2-1/2
.731
1-3/4
7/16
3
.731
2-1/4
7/16
3-1/2
.731
2-3/4
7/16
4
.731
3-1/4
7/16
2
.844
1-1/4
1/2
2-1/2
.844
1-3/4
1/2
3
.844
2-1/4
1/2
3-1/2
.844
2-3/4
1/2
4
.844
3-1/2
1/2
1-1/4
.613
3/4
3/8
1-1/2
.613
3/4
3/8
1-3/4
.613
1
3/8
2
.613
1-1/4
3/8
2-1/4
.613
1-1/2
3/8
2-1/2
.613
1-3/4
3/8
2-3/4
.613
2
3/8
3
.613
2-1/4
3/8
3-1/4
.613
2-1/2
3/8
3-1/2
.613
2-3/4
3/8
3-3/4
.613
3
3/8
4
.613
3-1/4
3/8
1
.463
1/2
9/32
1-1/4
.463
3/4
9/32
1-1/2
.463
1
9/32
1-3/4
.463
1-1/4
9/32
2
.463
1-1/2
9/32
2-1/4
.463
1-3/4
9/32
2-1/2
.463
2
9/32
2-3/4
.463
2-1/4
9/32
3
.463
2-1/2
9/32
3-1/4
.463
2-3/4
9/32
3-1/2
.463
3
9/32
3-3/4
.463
3-1/4
9/32
4
.463
3-1/2
9/32
3/4
C-1608
135-1608
C-2608
136-2608
3/4
C-1610
135-1610
C-2610
136-2610
3/4
C-1612
135-1612
C-2612
136-2612
3/4
C-1614
135-1614
C-2614
136-2614
3/4
C-1616
135-1616
C-2616
136-2616
5/8
C-1505
135-1505
C-2505
136-2505
5/8
C-1506
135-1506
C-2506
136-2506
5/8
C-1507
135-1507
C-2507
136-2507
5/8
C-1508
135-1508
C-2508
136-2508
5/8
C-1509
135-1509
C-2509
136-2509
5/8
C-1510
135-1510
C-2510
136-2510
5/8
C-1511
135-1511
C-2511
136-2511
5/8
C-1512
135-1512
C-2512
136-2512
5/8
C-1513
135-1513
C-2513
136-2513
5/8
C-1514
135-1514
C-2514
136-2514
5/8
C-1515
135-1515
C-2515
136-2515
5/8
C-1516
135-1516
C-2516
136-2516
1/2
C-1404
135-1404
C-2404
136-2404
1/2
C-1405
135-1405
C-2405
136-2405
1/2
C-1406
135-1406
C-2406
136-2406
1/2
C-1407
135-1407
C-2407
136-2407
1/2
C-1408
135-1408
C-2408
136-2408
1/2
C-1409
135-1409
C-2409
136-2409
1/2
C-1410
135-1410
C-2410
136-2410
1/2
C-1411
135-1411
C-2411
136-2411
1/2
C-1412
135-1412
C-2412
136-2412
1/2
C-1413
135-1413
C-2413
136-2413
1/2
C-1414
135-1414
C-2414
136-2414
1/2
C-1415
135-1415
C-2415
136-2415
1/2
C-1416
135-1416
C-2416
136-2416
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
NO. 4 RW TAPER - 1/2” DIAMETER
NO. 5 RW TAPER - 5/8” DIAMETER
NO. 6 RW TAPER - 3/4” DIAMETER
NO. 7 RW TAPER - 7/8” DIAMETER
C
Welding
Face Dia.
‘C’ FLAT NOSE
RWMA CLASS 1
RWMA CLASS 2
5/16
D-1708
137-1708
D-2708
138-2708
5/16
D-1710
137-1710
D-2710
138-2710
5/16
D-1712
137-1712
D-2712
138-2712
5/16
D-1714
137-1714
D-2714
138-2714
5/16
D-1716
137-1716
D-2716
138-2716
9/32
D-1608
137-1608
D-2608
138-2608
9/32
D-1610
137-1610
D-2610
138-2610
9/32
D-1612
137-1612
D-2612
138-2612
9/32
C-1614
137-1614
D-2614
138-2614
9/32
D-1616
137-1616
D-2616
138-2616
1/4
D-1505
137-1505
D-2505
138-2505
1/4
D-1506
137-1506
D-2506
138-2506
1/4
D-1507
137-1507
D-2507
138-2507
1/4
D-1508
137-1508
D-2508
138-2508
1/4
D-1509
137-1509
D-2509
138-2509
1/4
D-1510
137-1510
D-2510
138-2510
1/4
D-1511
137-1511
D-2511
138-2511
1/4
D-1512
137-1512
D-2512
138-2512
1/4
D-1513
137-1513
D-2513
138-2513
1/4
D-1514
137-1514
D-2514
138-2514
1/4
D-1515
137-1515
D-2515
138-2515
1/4
D-1516
137-1516
D-2516
138-2516
3/16
D-1404
137-1404
D-2404
138-2404
3/16
D-1405
137-1405
D-2405
138-2405
3/16
D-1406
137-1406
D-2406
138-2406
3/16
D-1407
137-1407
D-2407
138-2407
3/16
D-1408
137-1408
D-2408
138-2408
3/16
D-1409
137-1409
D-2409
138-2409
3/16
D-1410
137-1410
D-2410
138-2410
3/16
D-1411
137-1411
D-2411
138-2411
3/16
D-1412
137-1412
D-2412
138-2412
3/16
D-1413
137-1413
D-2413
138-2413
3/16
D-1414
137-1414
D-2414
138-2414
3/16
D-1415
137-1415
D-2415
138-2415
3/16
D-1416
137-1416
D-2416
138-2416
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
‘D’ OFFSET NOSE
C
Welding
Face Dia.
3
TUFFALOY
standard straight tips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54