công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

175-4021 bảng dữ liệu(PDF) 41 Page - List of Unclassifed Manufacturers

tên linh kiện 175-4021
Giải thích chi tiết về linh kiện  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

175-4021 bảng dữ liệu(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 175-4021 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 44Page - List of Unclassifed Manufacturers 175-4021 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Tuffaloy
Tuffaloy
Tuffaloy
88
77
55
Class 1 Alloy Class 2 Alloy Class 3 Alloy
Item No.
Item No.
Item No.
1/8
.048
431-0125
3/16
.106
421-0187
431-0187
1/4
.189
421-0250
431-0250
5/16
.296
421-0313
431-0313
3/8
.426
421-0375
431-0375
1/2
.758
421-0500
431-0500
9/16
.959
421-0562
431-0562
5/8
1.184
411-0625
421-0622
431-0625
21/32
1.82
421-0656
3/4
1.704
411-0750
421-0748
431-0750
7/8
2.32
411-0875
421-0872
431-0875
1
3.03
421-1000
431-1000
1-1/8
3.84
421-1125
431-1125
1-1/4
4.74
421-1250
431-1240
1-3/8
5.74
421-1375
431-1375
1-1/2
6.82
421-1500
431-1500
1-5/8
7.97
431-1625
1-3/4
9.28
421-1750
431-1750
2
12.12
421-2000
431-2000
2-1/8
13.62
431-2125
2-1/4
15.40
421-2250
431-2250
2-1/2
18.97
421-2500
431-2500
2-3/4
23.00
421-2750
3
27.15
421-3000
431-3000
3-1/4
32.05
431-3250
3-1/2
37.18
431-3500
3/8
.472
422-0375
5/8
1.31
422-0625
3/4
2.18
422-0750
432-0750
7/8
2.56
422-0875
432-0875
1
3.35
422-1000
432-1000
1-1/8
4.24
422-1125
432-1125
1-1/4
5.25
422-1250
432-1250
1-1/2
7.55
422-1500
432-1500
1/4
.24
433-0250
3/8
.54
433-0375
1/2
.96
423-0500
433-0500
5/8
1.56
423-0625
433-0625
3/4
2.16
423-0750
433-0750
1
3.84
423-1000
433-1000
1-1/4
6.00
423-1250
433-1250
1-1/2
8.64
423-1500
433-1500
1-3/4
11.83
423-1750
2
15.46
423-2000
433-2000
Tuffaloy
Tuffaloy
77
55
Class 2 Alloy
Class 3 Alloy
Item No.
Item No.
1/4 x 1/2
.484
434-0205
1/4 x 3/4
.727
434-0207
1/4 x 1
.96
424-0210
434-0210
1/4 x 1-1/4
1.20
424-0212
1/4 x 1-1/2
1.44
424-0215
434-0215
1/4 x 2
1.92
424-0220
434-0220
3/8 x 5/8
.900
434-0306
3/8 x 314
1.08
424-0307
434-0307
3/8 x 1
1.44
424-0310
434-0310
3/8 x 1-1/2
2.16
424-0315
3/8 x 2
2.88
434-0320
1/2 x 3/4
1.44
424-0507
434-0507
1/2 x 1
1.92
424-0510
434-0510
1/2 x 1-1/4
2.40
434-0512
1/2 x 1-1/2
2.138
424-0515
434-0515
1/2 x 2
3.134
424-0520
434-0520
1/2 x 2-1/2
4.133
424-0525
434-0525
1/2 x 3
5.81
424-0530
434-0530
5/8 x 3/4
1.80
424-0607
434-0607
5/8 x 1
2.40
424-0610
434-0610
5/8 x 1-1/2
3.60
424-0615
434-0615
5/8 x 2
4.85
424-0620
434-0620
5/8 x 3
7.27
424-0630
5/8 x 4
9.60
424-0640
3/4 x 1
2.88
424-0710
434-0710
3/4 x 1-1/4
3.64
424-0712
434-0712
3/4 x 1-1/2
4.32
424-0715
434-0715
3/4 x 2
5.72
424-0720
434-0720
3/4 x 2-1/4
6.48
434-0722
3/4 x 2-1/2
7.20
424-0725
434-0725
3/4 x 3
8.64
424-0730
1 x 1-1/4
4.85
424-1012
434-1012
1 x 1-1/2
5.76
424-1015
434-1015
1 x 2
7.68
424-1020
434-1020
1 x 2-1/2
9.70
424-1025
434-1025
1 X 2-3/4
10.56
424-1027
1 X 3
11.55
424-1030
434-1030
1-1/4 x 1-1/2
7.25
424-1215
1-1/4 x 1-3/4
8.40
424-1217
1-1/4 X 2
9.60
424-1220
1-1/4 X 2-1/2
12.06
424-1225
1-1/2 x 1-3/4
10.09
424-1517
1-1/2 x 2
11.60
424-1520
434-1520
1-1/2 x 3
17.28
424-1530
434-1530
2 x 3-1/4
25.15
424-2032
2 x 3-3/4
29.05
424-2037
TUFFALOY extruded bar stock is used for fabricating special electrodes, platens, adapters, and other conductive parts.
Round bar is available in all three alloy classes (1, 2 & 3). The other shapes are made in Class 2 and 3 alloy. Physical
properties are superior to those shown on page 45.
Bar stock is priced per pound in random mill lengths, from 8 to 12 feet. Additional charges are made depending on
specific weights and lengths ordered. See the TUFFALOY price list.
Weight
Pounds
Per Foot
Size
In
Inches
Weight
Pounds
Per Foot
Size
In
Inches
TUFFALOY
bar stock
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54