công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RTL8019AS bảng dữ liệu(PDF) 2 Page - Realtek Semiconductor Corp.

tên linh kiện RTL8019AS
Giải thích chi tiết về linh kiện  Realtek Full-Duplex Ethernet Controller with Plug and Play Function
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REALTEK [Realtek Semiconductor Corp.]
Trang chủ  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8019AS bảng dữ liệu(HTML) 2 Page - Realtek Semiconductor Corp.

  RTL8019AS Datasheet HTML 1Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 2Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 3Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 9Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
RTL8019AS
Datasheet
2005-08-26
2
CONTENTS
1. FEATURES
3
2. GENERAL DESCRIPTION
4
3. PIN CONFIGURATION
5
3.1.Package Identification
5
4. PIN DESCRIPTION
4.1. Power Pins
6
4.2. ISA Bus Interface Pins
6
4.3. Memory Interface Pins (including BROM, EEPROM)
7
4.4. Medium Interface Pins
8
4.5. LED Output Pins
8
5. REGISTER DESCRIPTIONS
5.1. Group 1: NE2000 Registers
9
5.1.1. Register Table
9
5.1.2. Register Functions
11
5.1.2.1. NE2000 Compatible Registers
11
5.1.2.2. RTL8019AS Defined Registers
16
5.2. Group 2: Plug and Play (PnP) Registers
23
5.2.1. Card Control Registers
24
5.2.2. Logical Device Control Registers
25
5.2.3. Logical Device Configuration Registers
25
6. FUNCTIONAL DESCRIPTIONS
6.1. RTL8019AS Configuration Modes
27
6.2. Plug and Play
29
6.2.1. Initiation Key
29
6.2.2. Isolation Protocol
30
6.2.3. Plug and Play Isolation Sequence
34
6.2.4. Reading Resource Data
35
6.2.5. PnP auto detect mode
36
6.3. 9346 Contents
37
6.4. Boot ROM
38
6.5. LED Behaviors
40
6.6. Loopback Diagnostic Operation
42
6.6.1. Loopback Operation
42
6.6.2. To implement Loopback Test
43
7. Electrical Specification and Timings
7.1. Absolute Maximum Ratings
46
7.2. D.C. Characteristics
46
7.3. A.C. Timing Characteristics
47
7. Ordering Information
7.1. Ordering Information
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com