công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RTL8019AS bảng dữ liệu(PDF) 8 Page - Realtek Semiconductor Corp.

tên linh kiện RTL8019AS
Giải thích chi tiết về linh kiện  Realtek Full-Duplex Ethernet Controller with Plug and Play Function
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REALTEK [Realtek Semiconductor Corp.]
Trang chủ  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8019AS bảng dữ liệu(HTML) 8 Page - Realtek Semiconductor Corp.

Back Button RTL8019AS Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 12Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
RTL8019AS
Datasheet
2005-08-26
8
4.4. Medium Interface Pins
No.
Name
Type
Description
64
AUI
I
This input is used to detect the usage of an external MAU on
the AUI interface. The input should be driven low for
embedded BNC and high for external MAU. When the input
is high, RTL8019AS sets the AUI bit (bit5) in CONFIG0
and drives LEDBNC low to disable the BNC. If this pin is
not used, it should be connected to GND such that
RTL8019AS acts like RTL8019. Please refer to section
5.1.2.2. CONFIG0 for more details.
54,53
CD+,CD-
I
This AUI collision input pair carries the differential collision
input signal from the MAU.
56,55
RX+,RX-
I
This AUI receive input pair carries the differential receive
input signal from the MAU.
49,48
TX+,TX-
O
This AUI transmit output pair contains differential line
drivers which send Manchester encoded data to the MAU.
These outputs are source followers and require 270 ohm
pull-down resistors to GND.
59,58
TPIN+,
TPIN-
I
This TP input pair receives the 10 Mbits/s differential
Manchester encoded data from the twisted-pair wire.
45,46
TPOUT+,
TPOUT-
O
This pair carries the differential TP transmit output. The
output Manchester encoded signals have been pre-distorted
to prevent overcharge on the twisted-pair media and thus
reduce jitter.
50
X1
I
20Mhz crystal or external oscillator input.
51
X2
O
Crystal feedback output. This output is used in crystal
connection only. It must be left open when X1 is driven with
an external oscillator.
4.5. LED Output Pins
No.
Name
Type
Description
60
LEDBNC
O
This pin goes high when RTL8019AS's medium type is set
to 10Base2 mode or auto-detect mode with link test failure.
Otherwise, this pin is low. This pin can be used to control the
power of the DC convertor for CX MAU and connected to
an LED to indicate the used medium type.
61
LED0
O
When LEDS0 bit (in CONFIG3 register of RTL8019AS
Page3) is 0, this pin acts as LED_COL. When LEDS0=1, it
acts as LED_LINK.
62,63
LED1,LED2
O
When LEDS1 bit (in CONFIG3 register of RTL8019AS
Page3) is 0, these 2 pins act as LED_RX & LED_TX
respectively. When LEDS1=1, these pins act as LED_CRS
& MCSB. Please refer to section 6.5 for details of the
lightening behavior of all LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com