công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RTL8019AS bảng dữ liệu(PDF) 4 Page - Realtek Semiconductor Corp.

tên linh kiện RTL8019AS
Giải thích chi tiết về linh kiện  Realtek Full-Duplex Ethernet Controller with Plug and Play Function
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REALTEK [Realtek Semiconductor Corp.]
Trang chủ  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8019AS bảng dữ liệu(HTML) 4 Page - Realtek Semiconductor Corp.

  RTL8019AS Datasheet HTML 1Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 2Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 3Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 4Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 9Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
RTL8019AS
Datasheet
2005-08-26
4
2. General Description
The RTL8019AS is a highly integrated Ethernet Controller which offers a simple solution to
implement a Plug and Play NE2000 compatible adapter with full-duplex and power down features.
With the three level power down control features, the RTL8019AS is made to be an ideal choice
of network device for a GREEN PC system. The full-duplex function enables simultaneously
transmission and reception on the twisted-pair link to a full-duplex Ethernet switching hub. This
feature not only increases the channel bandwidth from 10 to 20Mbps but also avoids the
performance degradation problem due to the channel contention characteristics of the Ethernet
CSMA/CD protocol. The Microsoft's Plug and Play function can relieve the users from the pain of
taking care of the adapter's resource configurations, e.g., IRQ, I/O, and memory address, etc.
However, for special applications where the RTL8019AS will not be used as a Plug and Play
compatible device, the RTL8019AS also supports jumper and proprietary jumperless options.
To offer a fully plug and play solution, the RTL8019AS provides auto-detect capability between
the integrated 10BaseT transceiver, BNC and AUI interface. Besides, the 10BaseT transceiver
can automatically correct the polarity error on its receiving pair. Furthermore, 8 IRQ lines and 16
I/O base address options are provided for grand resource configuration flexibility.
The RTL8019AS supports 16k, 32k & 64k byte BROM and fiash memory interface. It also offers
the page mode function which can support up to 4M-byte BROM within only 16k-byte system
memory space. Besides, the BROM disable command is provided to release the BROM memory
space for other system usage (e.g. EMM386, etc.) after the BROM program is loaded.
The RTL8019AS is built in with 16K-byte SRAM in a single chip. It is designed not only to
provide more friendly functions but also to save the effort of SRAM sourcing and inventory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com