công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FD3AE bảng dữ liệu(PDF) 16 Page - Nuvoton Technology Corporation

tên linh kiện M032FD3AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE bảng dữ liệu(HTML) 16 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 12Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 13Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 14Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 15Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 16Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 17Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 18Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 19Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 274 page
background image
M031/M032
Feb 25, 2019
Page 16 of 274
Rev. 1.01
smallest numbered channel to the largest numbered channel.
Continuous Scan mode: A/D converter continuously performs
Single-cycle Scan mode until software stops A/D conversion.
An A/D conversion can be started by:
Software Write 1 to ADST bit.
External pin (STADC).
Timer 0~3 overflow pulse trigger.
PWM trigger.
Each conversion result is held in data register of each channel
with valid and overrun indicators.
Conversion result can be compared with specified value and
user can select whether to generate an interrupt when
conversion result matches the compare register setting.
1 internal channels, they are band-gap voltage (VBG).
Supports PDMA transfer mode.
Supports Calibration mode.
Analog Comparator
(ACMP)
Analog input voltage range: 0 ~ AVDD (voltage of AVDD pin)
Up to two rail-to-rail analog comparators
Supports hysteresis function
Supports wake-up function
Selectable input sources of positive input and negative input
ACMP0 supports:
–
4 multiplexed I/O pins at positive sources:
ACMP0_P0, ACMP0_P1, ACMP0_P2, or
ACMP0_P3
–
3 negative sources:
ACMP0_N
Comparator Reference Voltage (CRV)
Internal band-gap voltage (VBG)
ACMP1 supports
–
4 multiplexed I/O pins at positive sources:
ACMP1_P0, ACMP1_P1, ACMP1_P2, or
ACMP1_P3
–
3 negative sources:
ACMP1_N
–
Comparator Reference Voltage (CRV)
–
Internal band-gap voltage (VBG)
Shares one ACMP interrupt vector for all comparators
Interrupts generated when compare results change (Interrupt
event condition is programmable)
Supports triggers for break events and cycle-by-cycle control
for PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com