công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FD3AE bảng dữ liệu(PDF) 76 Page - Nuvoton Technology Corporation

tên linh kiện M032FD3AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE bảng dữ liệu(HTML) 76 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 72Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 73Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 74Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 75Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 76Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 77Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 78Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 79Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 80Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 274 page
background image
M031/M032
Feb 25, 2019
Page 76 of 274
Rev. 1.01
(WFE) instructions, or return from interrupt sleep-on-exit feature
NVIC:
–
32 external interrupt inputs, each with four levels of priority
–
Dedicated Non-maskable Interrupt (NMI) input
–
Supports for both level-sensitive and pulse-sensitive interrupt lines
–
Supports Wake-up Interrupt Controller (WIC) and, providing Ultra-low Power Sleep
mode
Debug support:
–
Four hardware breakpoints
–
Two watchpoints
–
Program Counter Sampling Register (PCSR) for non-intrusive code profiling
–
Single step and vector catch capabilities
Bus interfaces:
–
Single 32-bit AMBA-3 AHB-Lite system interface that provides simple integration to all
system peripherals and memory
–
Single 32-bit slave port that supports the DAP (Debug Access Port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com