công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032FD3AE bảng dữ liệu(PDF) 85 Page - Nuvoton Technology Corporation

tên linh kiện M032FD3AE
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032FD3AE bảng dữ liệu(HTML) 85 Page - Nuvoton Technology Corporation

Back Button M032FD3AE Datasheet HTML 81Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 82Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 83Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 84Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 85Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 86Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 87Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 88Page - Nuvoton Technology Corporation M032FD3AE Datasheet HTML 89Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 274 page
background image
M031/M032
Feb 25, 2019
Page 85 of 274
Rev. 1.01
Normal Mode
CPU Clock ON
HXT , HIRC , LXT , LIRC , HCLK , PCLK ON
Flash ON
Power-down Mode
CPU Clock OFF
HXT , HIRC , HCLK , PCLK OFF
Flash Halt
System reset released
CPU executes WFI
Interrupts occur
Idle Mode
CPU Clock OFF
HXT , HIRC , LXT , LIRC , HCLK , PCLK ON
Flash Halt
1. SLEEPDEEP (SCS_SCR[2]) = 1
2. PDEN (CLK_PWRCTL[7]) = 1 and
PDWKIF (CLK_PWRCTL[6]) = 1
3. CPU executes WFI
Wake-up events
occur
LXT, LIRC ON
Figure 6.2-7 Power Mode State Machine
1. LXT (32768 Hz XTL) ON or OFF depends on SW setting in normal mode.
2. LIRC (38.4 kHz OSC) ON or OFF depends on S/W setting in normal mode.
3. If TIMER clock source is selected as LIRC/LXT and LIRC/LXT is on.
4. If WDT clock source is selected as LIRC and LIRC is on.
5. If UART clock source is selected as LXT and LXT is on.
Normal Mode
Idle Mode
Power-Down Mode
HXT (4~32 MHz XTL)
ON
ON
Halt
HIRC48 (48 MHz OSC)
ON
ON
Halt
LXT (32768 Hz XTL)
ON
ON
ON/OFF
1
LIRC (38.4 kHz OSC)
ON
ON
ON/OFF
2
PLL
ON/OFF
ON/OFF
Halt
LDO
ON
ON
ON
CPU
ON
Halt
Halt
HCLK/PCLK
ON
ON
Halt
SRAM retention
ON
ON
ON
FLASH
ON
ON
Halt
GPIO
ON
ON
Halt
PDMA
ON
ON
Halt
TIMER
ON
ON
ON/OFF
3
PWM
ON
ON
Halt
WDT
ON
ON
ON/OFF
4
WWDT
ON
ON
Halt
UART
ON
ON
ON/OFF
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com