| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VL53L1X bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L1X bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 35 page ![]() Functional description VL53L1X 14/35 DocID031281 Rev 3 2.8 Sensing array optical center VL53L1X module includes a lens that focus the photons on the 16x16 SPADs sensing array. The sensing array optical center specification takes into account the part-to-part variation in production. The optical center is defined by coordinates (Xo and Yo). The optical center is measured for each part during a factory test at STMicroelectronics. The coordinates are stored in the VL53L1X non-volatile memory and are readable by the customer through the software driver in the application. This helps optimize design alignment with the camera and ranging performances in the application. The green array in Figure 10: Optical center specification gives the possible location of the optical center. Figure 10. Optical center specification For more details please refer to VL53L1X API user manual (UM2356) Table 5. Optical center specification Parameter Min. Typ. Max. Unit Xo offset -2 0 2 SPAD Yo offset -2 0 2 |