công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28075PZPQ bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28075PZPQ
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 3Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 4Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 5Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 6Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 7Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 8Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 9Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 10Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 188 page
background image
7
TMS320F28076, TMS320F28075
www.ti.com
SPRS902G – OCTOBER 2014 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Device Comparison
Copyright © 2014–2018, Texas Instruments Incorporated
Table 3-1. Device Comparison (continued)
FEATURE(1)
28076
28075
Package Type (PTP is an HLQFP package. PZP is an HTQFP package.)
176-Pin PTP
100-Pin PZP
176-Pin PTP
100-Pin PZP
(3)
For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the
smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to
the largest package offered within a part number. See Section 4 to identify which peripheral instances are accessible on pins in the
smaller package.
(4)
The CAN module uses the IP known as D_CAN. This document uses the names CAN and D_CAN interchangeably to reference this
peripheral.
(5)
The letter Q refers to AEC Q100 qualification for automotive applications.
Control Peripherals(3)
eCAP inputs – Type 0
6
ePWM channels – Type 4
24
15
24
15
eQEP modules – Type 0
3
2
3
2
High-resolution ePWM channels – Type 4
16
9
16
9
Sigma-Delta Filter Module (SDFM) channels
8
6
8
6
Communication Peripherals(3)
Controller Area Network (CAN) – Type 0(4)
2
Inter-Integrated Circuit (I2C) – Type 0
2
Multichannel Buffered Serial Port (McBSP) – Type 1
2
SCI – Type 0
4
3
4
3
Serial Peripheral Interface (SPI) – Type 2
3
Universal Serial Bus (USB) – Type 0
1
Temperature and Qualification
Junction Temperature (TJ)
T: –40°C to 105°C
No
Yes
S: –40°C to 125°C
Yes
Q: –40°C to 150°C(5)
No
Yes
Free-Air Temperature (TA)
Q: –40°C to 125°C(5)
No
Yes
3.1
Related Products
For information about other devices in the Piccolo family of products, see the following links:
TMS320F2807x Piccolo™ Microcontrollers
The F2807x series is the highest-end Piccolo with the most performance, largest pin counts, flash memory
sizes, and peripheral options. The F2807x series includes the latest generation of accelerators, ePWM
peripherals, and analog technology.
TMS320F28004x Piccolo™ Microcontrollers
The F28004x series is a reduced version of the F2807x series with the latest generational enhancements.
The F28004x series is the best roadmap option for those using the F2806x series. InstaSPIN-FOC and
configurable logic block (CLB) versions are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com