công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28075PZPQ bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28075PZPQ
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 17Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 18Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 19Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 20Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 21Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 22Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 23Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 24Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 188 page
background image
21
TMS320F28076, TMS320F28075
www.ti.com
SPRS902G – OCTOBER 2014 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Terminal Configuration and Functions
Copyright © 2014–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
TERMINAL
I/O/Z(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO70
0, 4, 8, 12
135
76
I/O
General-purpose input/output 70(3)
EM1D14
2
I/O
External memory interface 1 data line 14
CANRXA
5
I
CAN-A receive
SCITXDB
6
O
SCI-B transmit data
SPISOMIC
15
I/O
SPI-C slave out, master in(2)
GPIO71
0, 4, 8, 12
136
77
I/O
General-purpose input/output 71
EM1D13
2
I/O
External memory interface 1 data line 13
CANTXA
5
O
CAN-A transmit
SCIRXDB
6
I
SCI-B receive data
SPICLKC
15
I/O
SPI-C clock(2)
GPIO72
0, 4, 8, 12
139
80
I/O
General-purpose input/output 72.(3) This is the factory default
boot mode select pin 1.
EM1D12
2
I/O
External memory interface 1 data line 12
CANTXB
5
O
CAN-B transmit
SCITXDC
6
O
SCI-C transmit data
SPISTEC
15
I/O
SPI-C slave transmit enable(2)
GPIO73
0, 4, 8, 12
140
81
I/O
General-purpose input/output 73
EM1D11
2
I/O
External memory interface 1 data line 11
XCLKOUT
3
O/Z
External clock output. This pin outputs a divided-down version
of a chosen clock signal from within the device. The clock
signal is chosen using the CLKSRCCTL3.XCLKOUTSEL bit
field while the divide ratio is chosen using the
XCLKOUTDIVSEL.XCLKOUTDIV bit field.
CANRXB
5
I
CAN-B receive
SCIRXDC
6
I
SCI-C receive
GPIO74
0, 4, 8, 12
141
–
I/O
General-purpose input/output 74
EM1D10
2
I/O
External memory interface 1 data line 10
GPIO75
0, 4, 8, 12
142
–
I/O
General-purpose input/output 75
EM1D9
2
I/O
External memory interface 1 data line 9
GPIO76
0, 4, 8, 12
143
–
I/O
General-purpose input/output 76
EM1D8
2
I/O
External memory interface 1 data line 8
SCITXDD
6
O
SCI-D transmit data
GPIO77
0, 4, 8, 12
144
–
I/O
General-purpose input/output 77
EM1D7
2
I/O
External memory interface 1 data line 7
SCIRXDD
6
I
SCI-D receive data
GPIO78
0, 4, 8, 12
145
82
I/O
General-purpose input/output 78
EM1D6
2
I/O
External memory interface 1 data line 6
EQEP2A
6
I
Enhanced QEP2 input A
GPIO79
0, 4, 8, 12
146
–
I/O
General-purpose input/output 79
EM1D5
2
I/O
External memory interface 1 data line 5
EQEP2B
6
I
Enhanced QEP2 input B
GPIO80
0, 4, 8, 12
148
–
I/O
General-purpose input/output 80
EM1D4
2
I/O
External memory interface 1 data line 4
EQEP2S
6
I/O
Enhanced QEP2 strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com