công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28075PZPQ bảng dữ liệu(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28075PZPQ
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 36Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 37Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 38Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 39Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 40Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 41Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 42Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 43Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 188 page
background image
40
TMS320F28076, TMS320F28075
SPRS902G – OCTOBER 2014 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28076 TMS320F28075
Specifications
Copyright © 2014–2018, Texas Instruments Incorporated
Leakage current will increase with operating temperature in a nonlinear manner. The difference in VDD
current between TYP and MAX conditions can be seen in Figure 5-3. The current consumption in HALT
mode is primarily leakage current as there is no active switching if the internal oscillator has been powered
down.
Figure 5-3 shows the typical leakage current across temperature. The device was placed into HALT mode
under nominal voltage conditions.
Figure 5-3. IDD Leakage Current Versus Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com