công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UP9503P bảng dữ liệu(PDF) 10 Page - uPI Group Inc.

tên linh kiện UP9503P
Giải thích chi tiết về linh kiện  Phase Driver Embedded PWM Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UPI [uPI Group Inc.]
Trang chủ  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9503P bảng dữ liệu(HTML) 10 Page - uPI Group Inc.

Back Button UP9503P Datasheet HTML 6Page - uPI Group Inc. UP9503P Datasheet HTML 7Page - uPI Group Inc. UP9503P Datasheet HTML 8Page - uPI Group Inc. UP9503P Datasheet HTML 9Page - uPI Group Inc. UP9503P Datasheet HTML 10Page - uPI Group Inc. UP9503P Datasheet HTML 11Page - uPI Group Inc. UP9503P Datasheet HTML 12Page - uPI Group Inc. UP9503P Datasheet HTML 13Page - uPI Group Inc. UP9503P Datasheet HTML 14Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
uP9503P
10
uP9503P-DS-F0000, June 2017
www.upi-semi.com
Table 2. PROG Resistor Setting
A
D
D
V
)
V
(
t
o
o
b
V
s
u
B
M
S
s
s
e
r
d
d
A
k
(
e
u
l
a
V
r
o
t
s
i
s
e
R
2
R
/
1
R
)
e
s
a
h
P
2
+
3e
s
a
h
P
1
+
4e
s
a
h
P
0
+
5
1
R2
R1
R2
R1
R2
R
5
5
.
18
82
9
.
47
3
.
31
6
.
4
24
8
.
6
1A
NA
N
5
.
18
87
2
.
47
7
.
33
3
.
1
23
8
.
8
1A
NA
N
5
3
.
18
86
7
.
37
2
.
42
8
.
8
14
3
.
1
2A
NA
N
2
I
V
S
w
o
ll
o
F
s
n
o
i
t
c
e
n
n
o
C
)
1
e
l
b
a
T
(
8
87
3
.
32
9
.
44
8
.
6
12
6
.
4
21
3
.
0
31
3
.
4
4
5
5
.
1A
85
0
.
32
8
.
54
2
.
5
11
.
9
2A
NA
N
5
.
1A
88
7
.
21
1
.
71
9
.
3
16
5
.
5
3A
NA
N
5
3
.
1A
86
5
.
24
1
.
98
.
2
12
7
.
5
4A
NA
N
2
I
V
S
w
o
ll
o
F
s
n
o
i
t
c
e
n
n
o
C
)
1
e
l
b
a
T
(
A
87
3
.
28
.
2
15
8
.
1
12
0
.
4
63
3
.
1
24
2
.
5
1
1
Functional Description
Operation Phase Disable Function
The uP9503P supports operation phase disable function to further increase the design flexibility. Platform designer can
choose to disable some phases to meet their design requirement. Both VDD and VDDA rail support operation phase
disable function. The minimum operation phase number is 1+0-phase. In general, to disable a specific phase, pull up
CSNx to VCC5 through 1kΩ resistor and tie CSPx to ground for that phase. The controller detects all the CSNx voltage
at VCC5 power on reset to determine operation phase number.
Note that there is an exception for VDDA rail phase disable function. To let VDDA rail in zero-phase operation, pull up
CSNA to VCC5 through 1kΩ resistor and tied CSPA to ground. Table 4 shows the operation phase number setting.
In addition, the operating phase number is governed by the SVI2 command. The SVI2 command and operating phase
number are shown as Table 3.
Table 3. SVI2 Command and VDD & VDDA Operating Phase Number
L
_
0
I
S
PL
_
1
I
S
Pr
e
b
m
u
N
e
s
a
h
P
D
D
V
t
e
Sr
e
b
m
u
N
e
s
a
h
P
A
D
D
V
t
e
S
11
M
C
C
e
s
a
h
P
ll
u
FM
C
C
e
s
a
h
P
ll
u
F
10
M
C
C
e
s
a
h
P
ll
u
FM
C
C
e
s
a
h
P
ll
u
F
01
M
C
C
e
s
a
h
P
1M
C
C
e
s
a
h
P
1
00
M
S
P
e
s
a
h
P
1M
S
P
e
s
a
h
P
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com