công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-HTG bảng dữ liệu(PDF) 32 Page - IC-Haus GmbH

tên linh kiện IC-HTG
Giải thích chi tiết về linh kiện  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG bảng dữ liệu(HTML) 32 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 28Page - IC-Haus GmbH IC-HTG Datasheet HTML 29Page - IC-Haus GmbH IC-HTG Datasheet HTML 30Page - IC-Haus GmbH IC-HTG Datasheet HTML 31Page - IC-Haus GmbH IC-HTG Datasheet HTML 32Page - IC-Haus GmbH IC-HTG Datasheet HTML 33Page - IC-Haus GmbH IC-HTG Datasheet HTML 34Page - IC-Haus GmbH IC-HTG Datasheet HTML 35Page - IC-Haus GmbH IC-HTG Datasheet HTML 36Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 32/40
OSCERR
Addr. 0x00; bit 6
R
0
Oscillator functioning OK
1
Watchdog timeout set on oscillator failure.
Cleared on read
Table 50: Oscillator watchdog
CFGTIMO
Addr. 0x00; bit 7
R
0
iC-HTG not in configuration mode or timeout did not
happened till now
1
iC-HTG in configuration mode and timeout
happened. Laser switched off.
Table 51: Configuration timeout
MAPC
Addr. 0x01; bit 0
R
0
Channel is off at the precise reading moment
1
Channel is on at the precise reading moment
Table 52: Channel state
MONC
Addr. 0x01; bit 1
R
0
Channel has not been switched on since last read
1
Channel has been switched on at least once.
Cleared on read
Table 53: Channel state history
EC
Addr. 0x01; bit 2
R
0
EC pin is high at the precise reading moment.
1
EC pin is low at the precise reading moment.
Table 54: EC pin state
NMCOK
Addr. 0x01; bit 3
R
0
MCH-MCL voltage is OK for the selected laser type.
1
MCH-MCL voltage is not OK for the selected laser
type.
Table 55: MCH-MCL voltage status
RANIN
Addr. 0x01; bit 4
R
0
ANIN pin is digital low at the precise reading
moment.
1
ANIN pin is digital high at the precise reading
moment.
Table 56: ANIN pin state
TEMP(7:0)
Addr. 0x02; bit 7:0
R
0x00
Minimum temperature
. . .
0xFF
Maximum temperature
Table 57: Chip temperature
CHIPREV
Addr. 0x0F; bit 7:0
R
18
iC-HTG Z
19
iC-HTG Z1
20
iC-HTG Y
21
iC-HTG Y1
Table 58: Chip revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com