công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-HTG bảng dữ liệu(PDF) 7 Page - IC-Haus GmbH

tên linh kiện IC-HTG
Giải thích chi tiết về linh kiện  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG bảng dữ liệu(HTML) 7 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 3Page - IC-Haus GmbH IC-HTG Datasheet HTML 4Page - IC-Haus GmbH IC-HTG Datasheet HTML 5Page - IC-Haus GmbH IC-HTG Datasheet HTML 6Page - IC-Haus GmbH IC-HTG Datasheet HTML 7Page - IC-Haus GmbH IC-HTG Datasheet HTML 8Page - IC-Haus GmbH IC-HTG Datasheet HTML 9Page - IC-Haus GmbH IC-HTG Datasheet HTML 10Page - IC-Haus GmbH IC-HTG Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 7/40
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 3 . . . 24 V (relative to GND), Tj = -40 . . . 125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
Functionality and parameters beyond the operating conditions (with reference to independent voltage supplies, for instance) are to be
verified within the individual application using FMEA methods.
001 VB
Permissible Supply Voltage
Relative to GND
3
24
V
002 I(VB)
Standby Current at VB
V(NSTBY) ≤ 0.4 V,
VB = 3. . . 11 V
10
µA
VB = 11. . . 24 V
30
µA
003 I(VBL)
Standby Current at VBL
V(NSTBY) ≤ 0.4 V,
VBL = 3. . . 11 V
5
µA
VBL = 11. . . 24 V
10
µA
004 I(VB)
Supply Current at VB
No load, EC, NSTBY = hi
5
mA
005 I(VBL)
Supply Current at VBL
No load, EC, NSTBY = hi
25
mA
006 V(VB)on
Turn-on threshold at VB, VBL
Increasing VB, VBL
1
2.9
V
007 V(VB)off
Turn-off threshold at VB, VBL
Decreasing VB, VBL
0.8
2.6
V
008 V(VB)Hys Power-on hysteresis at VB, VBL
20
250
mV
009 V(VDD)on Turn-on threshold
Increasing VDD
1.3
2.4
V
010 V(VDD)off Turn-off threshold
Decreasing VDD
1.2
2.3
V
011 V(VDD)Hys Power-on hysteresis
20
250
mV
012 V(VB)INITR RAM memory reset during
Stand-By
NSTBY = lo
0.85
1.4
V
013 RCIL()
Resistor between GND and CIL
20
Ω
014 Vc()lo
Clamp Voltage lo at VB,
VBL, VDD, NCHK, NCS/A1,
MISO/SDA, MOSI/A0,
SCLK/SCL, INS, NSTBY, EC,
DCO, CI, MD, MR, MCH, MCL,
VRP, VRN, MOD
I() = -10 mA
-1.6
-0.3
V
Transistor Driver VRx, CIx, MCx, MR, MD
101 C(CI)
Required capacitor at CI
CW
1000
pF
Analog Modulation
80
pF
102 I(CI)
Charge Current at CI
V(CI) = 0 V, CI regulated
-30
-5
µA
103 V(MCx)
Permisible Voltage at MCH, MCL EC = hi, NSTBY = hi
MCVR = lo
0
5
V
MCVR = hi
VBL-5
VBL
V
104 Tci
Permisible Voltage at MR, MD
EC = hi, NSTBY = hi
EPNNP = lo
0
1.2
V
EPNNP = hi
VDD-1.2
VDD
V
105 I(VRx)max Short Circuit Current at VRP,
VRN
EC = hi, NSTBY = hi
V(VRP) = 1.5 V . . . VBL V
-200
mA
V(VRN) = 1.5 V . . . VBL V; VRNHR = hi
200
mA
V(VRN) = 0 V . . . VBL-1.5 V; VRNHR = lo
200
mA
106 V(VRP)
Voltage output range
|I(VRP)| < 1mA
1
VBL
V
107 V(VRN)
Voltage output range
|I(VRN)| < 1mA
VRNHR = lo
0
VBL-1.5
V
VRNHR = hi
1
VBL
V
108 Ten
Time to laser enabled
NSTBY lo → hi, no load at VDD,
1.3
ms
V(VDD) 0 to 90 %,
CVDD = 1 µF
Programmable Resistor
201 Rmda
Resistor at MD and MR pin
RMD(7:0) = 0xFF, DISP = 0
350
500
650
kΩ
RMD(7:0) = 0x00, DISP = 0
0.154
0.220
0.286
kΩ
202 Tk
Temperature coefficient
-500
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com