công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-HTG bảng dữ liệu(PDF) 19 Page - IC-Haus GmbH

tên linh kiện IC-HTG
Giải thích chi tiết về linh kiện  POWER CW LASER DIODE DRIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTG bảng dữ liệu(HTML) 19 Page - IC-Haus GmbH

Back Button IC-HTG Datasheet HTML 15Page - IC-Haus GmbH IC-HTG Datasheet HTML 16Page - IC-Haus GmbH IC-HTG Datasheet HTML 17Page - IC-Haus GmbH IC-HTG Datasheet HTML 18Page - IC-Haus GmbH IC-HTG Datasheet HTML 19Page - IC-Haus GmbH IC-HTG Datasheet HTML 20Page - IC-Haus GmbH IC-HTG Datasheet HTML 21Page - IC-Haus GmbH IC-HTG Datasheet HTML 22Page - IC-Haus GmbH IC-HTG Datasheet HTML 23Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-HTG
POWER CW LASER DIODE DRIVER
Rev A1, Page 19/40
8-BIT INTERNAL PROGRAMMABLE LOGARITHMIC MONITOR RESISTORS
An internal 8-bit Programmable Logarithmic monitor
Resistor (PLR) is provided for the APC.
The PLR is used to control the optical power of the
laser diode in APC mode or to measure a monitor pho-
tocurrent in ACC mode using the internal A/D converter.
The resistor is connected to pins MR and MD using
a Force Sense switch structure. This ensures a low
thermal dependence, and a monotone dependence on
the resistor with the register value RMD(7:0). Note that
measuring of the internal resistor directly at external
pins MD-MR is not possible (see Figure 9).
-
+
POWERCHANNEL
EPNNP
DCO
DCO
+
MD
MR
-
0 1
EPNNP
MR
+
-
DCO
MD
Figure 9: PLR internal node regulation
The internal resistor value can be selected from 256 val-
ues, ranging from typ. Rmd0=100 Ω to over 500 kΩ, fol-
lowing logarithmic increments with a typical step width
of ∆Rmd=3.3%. The resistors are configured with reg-
ister RMD(7:0).
RMD(7:0)
Addr. 0x12; bit 7:0
R/W 0xFF
0x00
PLR set to the minimum resistance
. . .
PLR set to
Rmd = Rmd0(1 +
∆
Rmd(%)
100
)n+1, n from 0 to 255
0xFF
PLR resistor set to the maximum resistance
Table 27: MR-MD resistance selection
The following formula calculates the register RMD(7:0)
in order to set the desired resistor value:
Rmd = Rmd0(1 +
∆
Rmd(%)
100
)n+1, : n ∈ [0, 255],
where Rmd0 is the minimum resistor value (typically
100 Ω), ∆ Rmd(%) is the step between two consecutive
resistor values (typically 3.3%) and n is the value of
RMD(7:0) register in decimal.
Since the PLR has parametric variations and covers a
wide range of resistors values, the given formula is only
for simulation or information purposes. Each system
has to be calibrated separately. The recommended
procedure is to enable the channel with a high value
of RMD(7:0) and a medium value on register REF(9:0).
While measuring the optical power reduce the PLR
value until the desired optical power is reached. Then
using the register REF(9:0) you can make a more accu-
rate selection of the optical power. For more information
see 13.
The PLR is disabled by using the register bit DISP.
DISP
Addr. 0x10; bit 2
R/W 0
0
PLR enabled
1
PLR disabled
Table 28: Enable/disable PLR
In ACC mode the PLR is not used in the control circuit.
Even though the PLR is not in the control circuit, it can
be enabled (DISP = 0) in order to give feedback using
the 10-bit A/D converter to control the light power if a
monitor diode is connected.
Alternatively, an external monitor resistor can be used
to measure the optical power, which requires DISP to
be set to ’1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com