| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
106980 bảng dữ liệu(PDF) 25 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
106980 bảng dữ liệu(HTML) 25 Page - PHOENIX CONTACT |
|
25 / 25 page ![]() TRIO-PS-2G/1AC/12DC/10 106980_en_00 25 / 25 PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany phoenixcontact.com 18.4 Increasing power The output current can be increased to n x I N in the case of n parallel connected devices. Parallel connection for increasing power is used when extending existing systems. A parallel connection is recommended if the power supply unit does not cover the current consumption of the most powerful load. Otherwise, the load should be distributed between individual devices that are independent from one another. Figure 25 Schematic diagram of increased performance + – +– Σ =2xI N - + I N - + I N |