| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8448 bảng dữ liệu(PDF) 19 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
8448 bảng dữ liệu(HTML) 19 Page - PHOENIX CONTACT |
|
19 / 19 page ![]() AXL E PN DIO16 M12 6P 8448_en_04 19 PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany phoenixcontact.com 12 WBM - Web-based management The device has a web server, which generates the required pages for web-based management and, depending on the requirements of the user, sends them to a standard web browser. Web-based management can be used to access static information (e.g., technical data, MAC address) or dy- namic information (e.g., IP address, status information). 13 SNMP - Simple Network Manage- ment Protocol The device supports SNMP v1. Management Information Base - MIB For the object descriptions, please refer to the ASN1 de- scriptions for this product. The password for read access is “public” and cannot be changed. By default upon delivery, the password for write/read access is “private” and can be modified at any time. By default, the password for write and read access is “pri- vate” and can be changed at any time. 14 Device description file (GSDML) PC Worx Parameterization of the PROFINET device in PC Worx re- quires at least PC Worx Version 6.30.601. This is part of the AUTOMATION Software Suite 2013, Version 1.80, Order No. 2985660. An online data sheet of the device with important technical data and a configuration file are integrated into PC Worx. If several versions of the configuration file are available, make sure that you are working with the file version that corre- sponds to the firmware/hardware version used. Other tools (STEP 7 ...) The PROFINET device is parameterized using the configu- ration tool of the PROFINET controller. For parameteriza- tion, integrate the corresponding device GSDML file in the relevant software tool (STEP 7/HW Config, etc.). You can access web-based management by entering the IP address you assigned to the device in the browser. If you cannot access the WBM pages, check the connection settings in your browser and deactivate the proxy, if set. The corresponding latest MIBs are available on the Internet at phoenixcontact.net/prod- ucts. For the latest device description files, visit phoenixcontact.net/products. If several ver- sions of the device description file are avail- able, make sure that you are working with the file version that corresponds to the firmware/ hardware version used. |