| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8448 bảng dữ liệu(PDF) 17 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
8448 bảng dữ liệu(HTML) 17 Page - PHOENIX CONTACT |
|
17 / 19 page ![]() AXL E PN DIO16 M12 6P 8448_en_04 PHOENIX CONTACT 17 10.11 I&M functions The PROFINET device supports Identification & Maintenance functions (I&M). General Identification & Maintenance func- tions 0 ... 4 can be read via slot 0. I&M 0 (slot 0) I&M 1 (slot 0) I&M 2 (slot 0) I&M 3 (slot 0) I&M 4 (slot 0) I&M data Access / data type Presets MANUFACTURER_ID Read / 2 bytes B0 hex (Phoenix Contact GmbH & Co. KG) ORDER_ID Read / 20 bytes 2701511 SERIAL_Number Read / 16 bytes Stipulated in the product process HARDWARE_Revision Read / 2 bytes Corresponds to the hardware version of the device SOFTWARE_Revision Read / 4 bytes Corresponds to the firmware version of the device REVISION_Counter Read / 2 bytes 0000 hex (reserved) PROFILE_ID Read / 2 bytes 4E00 hex (generic device) PROFILE_SPECIFIC_TYPE Read / 2 bytes 0003 hex (IO module) IM_VERSION Read / 2 bytes 0101 hex (Version 1.1) IM_SUPPORTED Read / 2 bytes 001E hex (I&M 1 ... 4) I&M data Access / data type Presets TAG_FUNCTION Read/write / 32 bytes “20 hex” (empty) TAG_LOCATION Read/write / 22 bytes “20 hex” (empty) I&M data Access / data type Presets INSTALLATION_DATE Read/write / 16 bytes “20 hex” (empty) RESERVED Read/write / 38 bytes 00 hex I&M data Access / data type Presets DESCRIPTOR Read/write / 54 bytes “20 hex” (empty) I&M data Access / data type Presets SIGNATURE Read/write / 54 bytes “20 hex” (empty) |