công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCD1284 bảng dữ liệu(PDF) 8 Page - Intel Corporation

tên linh kiện SCD1284
Giải thích chi tiết về linh kiện  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 bảng dữ liệu(HTML) 8 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 4Page - Intel Corporation SCD1284 Datasheet HTML 5Page - Intel Corporation SCD1284 Datasheet HTML 6Page - Intel Corporation SCD1284 Datasheet HTML 7Page - Intel Corporation SCD1284 Datasheet HTML 8Page - Intel Corporation SCD1284 Datasheet HTML 9Page - Intel Corporation SCD1284 Datasheet HTML 10Page - Intel Corporation SCD1284 Datasheet HTML 11Page - Intel Corporation SCD1284 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
8
Datasheet
Figures
1
Functional Block Diagram ................................................................................... 11
2
CD1284 Sample System Block Diagram ............................................................ 14
3
CD1284 Functional Block Diagram ..................................................................... 32
4
Internal Address Generation ............................................................................... 32
5
Control Signal Generation ................................................................................... 38
6
CD1284 Daisy-Chain Connections ..................................................................... 42
7
Interrupt Generation Logic .................................................................................. 45
8
FIFO Timer Processing ....................................................................................... 53
9
CD1284 Receive Character Processing ............................................................. 64
10
CD1284 Transmit Character Processing ............................................................ 70
11
FIFO Data Path Functional Diagram — Receive ................................................ 78
12
FIFO Data Path Functional Diagram — Transmit ............................................... 80
13
Cable Connection................................................................................................ 85
14
External Buffer Control........................................................................................ 86
15
Intel‚ 80x86 Family Interface ............................................................................... 87
16
Motorola‚ 68020 Interface ................................................................................... 88
17
National Semiconductor‚ 32000 Interface ........................................................... 89
18
Flow Diagram of CD1284 Master Initialization Sequence ................................... 92
19
Polling Flow Chart ............................................................................................. 100
20
Reset Timing ..................................................................................................... 158
21
Clock Timing ..................................................................................................... 159
22
Asynchronous Read Cycle Timing .................................................................... 159
23
Asynchronous Write Cycle Timing .................................................................... 160
24
Asynchronous Service Acknowledge Cycle Timing .......................................... 161
25
Asynchronous DMA Read Cycle Timing ........................................................... 162
26
Asynchronous DMA Read Cycle Timing (Two Back-to-Back DMA Reads) ...... 162
27
Asynchronous DMA Write Cycle Timing ........................................................... 163
28
Asynchronous DMA Write Cycle Timing (Two Back-to-Back DMA Writes)....... 163
29
Synchronous Read Cycle Timing ...................................................................... 165
30
Synchronous Write Cycle Timing ...................................................................... 166
31
Synchronous Service Acknowledge Cycle Timing ............................................ 167
32
Synchronous DMA Write Cycle Timing
(Two Back-to-Back 3-Cycle DMA Writes) ......................................................... 168
33
Synchronous DMA Read Cycle Timing
(Two Back-to-Back 3-Cycle DMA Reads) ......................................................... 168
34
UART to RS232 and IR Port Interface Motherboard Example Schematic ........ 172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More