công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBM29PL64LM90 bảng dữ liệu(PDF) 34 Page - SPANSION

tên linh kiện MBM29PL64LM90
Giải thích chi tiết về linh kiện  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 bảng dữ liệu(HTML) 34 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 30Page - SPANSION MBM29PL64LM90 Datasheet HTML 31Page - SPANSION MBM29PL64LM90 Datasheet HTML 32Page - SPANSION MBM29PL64LM90 Datasheet HTML 33Page - SPANSION MBM29PL64LM90 Datasheet HTML 34Page - SPANSION MBM29PL64LM90 Datasheet HTML 35Page - SPANSION MBM29PL64LM90 Datasheet HTML 36Page - SPANSION MBM29PL64LM90 Datasheet HTML 37Page - SPANSION MBM29PL64LM90 Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
MBM29PL64LM90/10
33
Word/Byte Configuration
BYTE pin selects the byte (8-bit) mode or word (16-bit) mode for the device. When this pin is driven high, the
device operates in the word (16-bit) mode. Data is read and programmed at DQ15 to DQ0. When this pin is driven
low, the device operates in byte (8-bit) mode. In this mode, DQ15/A-1 pin becomes the lowest address bit, and
DQ14 to DQ8 bits are tri-stated. However, the command bus cycle is always an 8-bit operation and hence com-
mands are written at DQ7 to DQ0 and DQ15 to DQ8 bits are ignored.
Data Protection
The device is designed to offer protection against accidental erasure or programming caused by spurious system
level signals that may exist during power transitions. During power up the device automatically reset the internal
state machine in Read mode. Also, with its control register architecture, alteration of memory contents only
occurs after successful completion of specific multi-bus cycle command sequences.
The device also incorporates several features to prevent inadvertent write cycles resulting form VCC power-up
and power-down transitions or system noise.
(1) Low VCC Write Inhibit
To avoid initiation of a write cycle during VCC power-up and power-down, a write cycle is locked out for VCC less
than VLKO. If VCC < VLKO, the command register is disabled and all internal program/erase circuits are disabled.
Under this condition, the device will reset to the read mode. Subsequent writes will be ignored until the VCC level
is greater than VLKO. It is the user’s responsibility to ensure that the control pins are logically correct to prevent
unintentional writes when VCC is above VLKO.
If Embedded Erase Algorithm is interrupted, the intervened erasing sector(s) is(are) not valid.
(2) Write Pulse “Glitch” Protection
Noise pulses of less than 3 ns (typical) on OE, CE, or WE will not initiate a write cycle.
(3) Logical Inhibit
Writing is inhibited by holding any one of OE = VIL, CE = VIH, or WE = VIH. To initiate a write, CE and WE must
be a logical zero while OE is a logical one.
(4) Power-up Write Inhibit
Power-up of the devices with WE = CE = VIL and OE = VIH will not accept commands on the rising edge of WE.
The internal state machine is automatically reset to read mode on power-up.
(5) Sector Protection
Device user is able to protect each sector group individually to store and protect data. Protection circuit voids
both write and erase commands that are addressed to protected sectors.
Any commands to write or erase addressed to protected sector are ignored .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com