công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBM29PL64LM90 bảng dữ liệu(PDF) 29 Page - SPANSION

tên linh kiện MBM29PL64LM90
Giải thích chi tiết về linh kiện  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 bảng dữ liệu(HTML) 29 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 25Page - SPANSION MBM29PL64LM90 Datasheet HTML 26Page - SPANSION MBM29PL64LM90 Datasheet HTML 27Page - SPANSION MBM29PL64LM90 Datasheet HTML 28Page - SPANSION MBM29PL64LM90 Datasheet HTML 29Page - SPANSION MBM29PL64LM90 Datasheet HTML 30Page - SPANSION MBM29PL64LM90 Datasheet HTML 31Page - SPANSION MBM29PL64LM90 Datasheet HTML 32Page - SPANSION MBM29PL64LM90 Datasheet HTML 33Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
MBM29PL64LM90/10
28
(2) HiddenROM Entry Command
The device has a HiddenROM area with One Time Protect function. This area is to enter the security code and
to unable the change of the code once set. Programming is allowed in this area until it is protected. However,
once it gets protected, it is impossible to unprotect. Therefore, extreme caution is required.
The HiddenROM area is 256 bytes / 128 words. This area is in SA0 . Therefore, write the HiddenROM entry
command sequence to enter the HiddenROM area. It is called HiddenROM mode when the HiddenROM area
appears.
Sectors other than the block area SA0 can be read during HiddenROM mode. Read/program of the HiddenROM
area is possible during HiddenROM mode. Write the HiddenROM reset command sequence to exit the Hidden-
ROM mode. Note that any other commands should not be issued than the HiddenROM program/protection/reset
commands during the HiddenROM mode. When you issue the other commands including the suspend resume
capability, send the HiddenROM reset command first to exit the HiddenROM mode and then issue each com-
mand.
(3) HiddenROM Program Command
To program the data to the HiddenROM area, write the HiddenROM program command sequence during Hid-
denROM mode. This command is the same as the usual program command, except that it needs to write the
command during HiddenROM mode. Therefore the detection of completion method is the same as in the past,
using the DQ7 data pooling, DQ6 Toggle bit or RY/BY. You should pay attention to the address to be programmed.
If an address not in the HiddenROM area is selected, the previous data will be deleted.
During the write into the HiddenROM region, the program suspend command issuance is prohibited.
(4) HiddenROM Protect Command
There are two methods to protect the HiddenROM area. One is to write the sector group protect setup command
(60h) , set the sector address in the HiddenROM area and (A6, A3, A2, A1, A0)
= (0, 0, 0, 1, 0) , and write the
sector group protect command (60h) during the HiddenROM mode. The same command sequence may be used
because it is the same as the extension sector group protect in the past, except that it is in the HiddenROM
mode and does not apply high voltage to the RESET pin. Please refer to above mentioned “Extended Sector
Group Protection” for details of sector group protect setting.
The other method is to apply high voltage (VID) to A9 and OE, set the sector address in the HiddenROM area
and (A6, A3, A2, A1, A0)
= (0, 0, 0, 1, 0) , and apply the write pulse during the HiddenROM mode. To verify the
protect circuit, apply high voltage (VID) to A9, specify (A6, A3, A2, A1, A0)
= (0, 0, 0, 1, 0) and the sector address
in the HiddenROM area, and read. When “1” appears on DQ0, the protect setting is completed. “0” will appear
on DQ0 if it is not protected. Apply write pulse again. The same command sequence could be used for the above
method because other than the HiddenROM mode, it is the same as the sector group protect previously men-
tioned.
Take note that other sector groups will be affected if an address other than those for the HiddenROM area is
selected for the sector group address, so please be careful. Pay close attention that once it is protected, protection
CANNOT BE CANCELLED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com