công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBM29PL64LM90 bảng dữ liệu(PDF) 33 Page - SPANSION

tên linh kiện MBM29PL64LM90
Giải thích chi tiết về linh kiện  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 bảng dữ liệu(HTML) 33 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 29Page - SPANSION MBM29PL64LM90 Datasheet HTML 30Page - SPANSION MBM29PL64LM90 Datasheet HTML 31Page - SPANSION MBM29PL64LM90 Datasheet HTML 32Page - SPANSION MBM29PL64LM90 Datasheet HTML 33Page - SPANSION MBM29PL64LM90 Datasheet HTML 34Page - SPANSION MBM29PL64LM90 Datasheet HTML 35Page - SPANSION MBM29PL64LM90 Datasheet HTML 36Page - SPANSION MBM29PL64LM90 Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
MBM29PL64LM90/10
32
Reading Toggle Bits DQ6 / DQ2
Whenever the system initially begins reading Toggle bit status, it must read DQ7 to DQ0 at least twice in a row
to determine whether a Toggle bit is toggling. Typically a system would note and store the value of the Toggle
bit after the first read. After the second read, the system would compare the new value of the Toggle bit with the
first. If the Toggle bit is not toggling, the device has completed the program or erase operation. The system can
read array data on DQ7 to DQ0 on the following read cycle.
However, if, after the initial two read cycles, the system determines that the Toggle bit is still toggling, the system
also should note whether the value of DQ5 is high (see the section on DQ5) . If it is, the system should then
determine again whether the Toggle bit is toggling, since the Toggle bit may have stopped toggling just as DQ5
went high. If the Toggle bit is no longer toggling, the device has successfully completed the program or erase
operation. If it is still toggling, the device did not complete the operation successfully, and the system must write
the reset command to return to reading array data.
The remaining scenario is that the system initially determines that the Toggle bit is toggling and DQ5 has not
gone high. The system may continue to monitor the Toggle bit and DQ5 through successive read cycles, deter-
mining the status as described in the previous paragraph. Alternatively, it may choose to perform other system
tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the
status of the operation. (Refer to “Toggle Bit Algorithm” in sFLOW CHART.)
Toggle Bit Status
*1 : Successive reads from the erasing or erase-suspend sector will cause DQ2 to toggle.
*2 : Reading from the non-erase suspend sector address will indicate logic “1” at the DQ2 bit.
DQ1
Write-to-Buffer Abort
DQ1 indicates whether a Write-to-Buffer operation was aborted. Under these conditions DQ1 produces a "1".
The system must issue the Write-to-Buffer-Abort-Reset command sequence to return the device to reading array
data. See "Write Buffer Programming Operations" section for more details.
RY/BY
Ready/Busy
The device provides a RY/BY open-drain output pin to indicate to the host system that the Embedded Algorithms
are either in progress or has been completed. If the output is low, the device is busy with either a program or
erase operation. If the output is high, the device is ready to accept any read/write or erase operation. If the
device is placed in an Erase Suspend mode, the RY/BY output will be high, by means of connecting with a pull-
up resister to VCC.
During programming, the RY/BY pin is driven low after the rising edge of the fourth WE pulse. During an erase
operation, the RY/BY pin is driven low after the rising edge of the sixth WE pulse. The RY/BY pin will indicate a
busy condition during the RESET pulse. See “RY/BY Timing Diagram during Program/Erase Operation Timing
Diagram” and “RESET Timing Diagram ( During Embedded Algorithms )” in sTIMING DIAGRAM for a detailed
timing diagram. The RY/BY pin is pulled high in standby mode.
Since this is an open-drain output, RY/BY pins can be tied together in parallel with a pull-up resistor to VCC.
Mode
DQ7
DQ6
DQ2
Program
DQ7
Toggle
1
Erase
0
Toggle
Toggle *1
Erase-Suspend-Read
(Erase-Suspended Sector)
1
1
Toggle *1
Erase-Suspend-Program
DQ7
Toggle
1 *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com