công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4355BCPZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADF4355BCPZ
Giải thích chi tiết về linh kiện  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4355BCPZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADF4355BCPZ Datasheet HTML 1Page - Analog Devices ADF4355BCPZ Datasheet HTML 2Page - Analog Devices ADF4355BCPZ Datasheet HTML 3Page - Analog Devices ADF4355BCPZ Datasheet HTML 4Page - Analog Devices ADF4355BCPZ Datasheet HTML 5Page - Analog Devices ADF4355BCPZ Datasheet HTML 6Page - Analog Devices ADF4355BCPZ Datasheet HTML 7Page - Analog Devices ADF4355BCPZ Datasheet HTML 8Page - Analog Devices ADF4355BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Microwave Wideband Synthesizer
with Integrated VCO
Data Sheet
ADF4355
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 54 MHz to 6800 MHz
Fractional-N synthesizer and integer-N synthesizer
High resolution 38-bit modulus
Low phase noise, voltage controlled oscillator (VCO)
Programmable divide by 1, 2, 4, 8, 16, 32, or 64 output
Analog and digital power supplies: 3.3 V
Charge pump and VCO power supplies: 5.0 V typical
Logic compatibility: 1.8 V
Programmable dual modulus prescaler of 4/5 or 8/9
Programmable output power level
RF output mute function
3-wire serial interface
Analog and digital lock detect
APPLICATIONS
Wireless infrastructure (W-CDMA, TD-SCDMA, WiMAX, GSM,
PCS, DCS, DECT)
Point to point/point to multipoint microwave links
Satellites/VSATs
Test equipment/instrumentation
Clock generation
GENERAL DESCRIPTION
The ADF4355 allows implementation of fractional-N or
integer-N phase-locked loop (PLL) frequency synthesizers
when used with an external loop filter and an external reference
frequency. A series of frequency dividers permits operation
from 54 MHz to 6800 MHz.
The ADF4355 has an integrated VCO with a fundamental
output frequency ranging from 3400 MHz to 6800 MHz. In
addition, the VCO frequency is connected to divide by 1, 2, 4, 8,
16, 32, or 64 circuits that allow the user to generate radio frequency
(RF) output frequencies as low as 54 MHz. For applications that
require isolation, the RF output stage can be muted. The mute
function is both pin and software controllable.
Control of all on-chip registers is through a simple 3-wire interface.
The ADF4355 operates with analog and digital power supplies
ranging from 3.15 V to 3.45 V, with charge pump and VCO
supplies from 4.75 V to 5.25 V. The ADF4355 also contains
hardware and software power-down modes.
FUNCTIONAL BLOCK DIAGRAM
MUXOUT
CPOUT
CREG2
VBIAS
REFIN
CLK
DATA
LE
AV
CREG1
DVDD
DD
VP
AGND
CE
CPGND
SDGND AGNDVCO
RSET
VVCO
VTUNE
VREF
RFOUTA+
RFOUTA–
RFOUTB+
RFOUTB–
VCO
CORE
PHASE
COMPARATOR
CHARGE
PUMP
OUTPUT
STAGE
OUTPUT
STAGE
PDBRF
MULTIPLEXER
10-BIT R
COUNTER
÷2
DIVIDER
×2
DOUBLER
FUNCTION
LATCH
DATA REGISTER
INTEGER
REGISTER
N COUNTER
FRACTION
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MODULUS
MULTIPLEXER
LOCK
DETECT
÷1/2/4/8
16/32/64
ADF4355
REFINA
B
VRF
AGNDRF
VREGVCO
AVDD
REGISTER
REGISTER
Figure 1.


Số phần tương tự - ADF4355BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF4355BCPZ AD-ADF4355BCPZ Datasheet
937Kb / 36P
Analog and digital lock detect
Rev. A
ADF4355BCPZ-RL7 AD-ADF4355BCPZ-RL7 Datasheet
937Kb / 36P
Analog and digital lock detect
Rev. A
More results

Mô tả tương tự - ADF4355BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4382A AD-ADF4382A Datasheet
3Mb / 70P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com