công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF4355BCPZ bảng dữ liệu(PDF) 32 Page - Analog Devices

tên linh kiện ADF4355BCPZ
Giải thích chi tiết về linh kiện  Microwave Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF4355BCPZ bảng dữ liệu(HTML) 32 Page - Analog Devices

Back Button ADF4355BCPZ Datasheet HTML 27Page - Analog Devices ADF4355BCPZ Datasheet HTML 28Page - Analog Devices ADF4355BCPZ Datasheet HTML 29Page - Analog Devices ADF4355BCPZ Datasheet HTML 30Page - Analog Devices ADF4355BCPZ Datasheet HTML 31Page - Analog Devices ADF4355BCPZ Datasheet HTML 32Page - Analog Devices ADF4355BCPZ Datasheet HTML 33Page - Analog Devices ADF4355BCPZ Datasheet HTML 34Page - Analog Devices ADF4355BCPZ Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
ADF4355
Data Sheet
Rev. B | Page 32 of 35
APPLICATIONS INFORMATION
DIRECT CONVERSION MODULATOR
Direct conversion architectures are increasingly being used to
implement base station transmitters. Figure 44 shows how to
use Analog Devices devices to implement such a system.
The circuit block diagram shows the AD9761 TxDAC+® being
used with the ADL5375. The use of a dual integrated DAC, such
as the AD9761, ensures minimum error contribution (over
temperature) from this portion of the signal chain.
The local oscillator (LO) is implemented using the ADF4355.
The low-pass filter was designed using the ADIsimPLL design
tool for a PFD of 61.44 MHz and a closed-loop bandwidth of
20 kHz.
The LO ports of the ADL5375 can be driven differentially from
the complementary RFOUTA+/RFOUTA− outputs of the ADF4355.
Differential drive gives better second-order distortion performance
than a single-ended LO driver and eliminates the use of a balun
to convert from a single-ended LO input to the more desirable
differential LO input for the ADL5375.
The ADL5375 accepts LO drive levels from −6 dBm to +6 dBm.
The optimum LO power can be software programmed on the
ADF4355, which allows levels from −4 dBm to +5 dBm from
each output.
The RF output is designed to drive a 50 Ω load; however, it
must be ac-coupled, as shown in Figure 44. If the I and Q inputs
are driven in quadrature by 2 V p-p signals, the resulting output
power from the ADL5375 modulator is approximately 2 dBm.
AD9761
TxDAC
REFIO
FSADJ
MODULATED
DIGITAL
DATA
QOUTB
IOUTA
IOUTB
QOUTA
2kΩ
LOW-PASS
FILTER
LOW-PASS
FILTER
IBBP
IBBN
QBBP
QBBN
LOIP
LOIN
51Ω
51Ω
51Ω
51Ω
ADL5375
RFOUT
QUADRATURE
PHASE
SPLITTER
DSOP
1500pF
390pF
33nF
3.3kΩ
1kΩ
ADF4355
VVCO
RFOUTB–
RFOUTB+
CPOUT
1nF
1nF
4.7kΩ
RSET
LE
DATA
CLK
REFINA
REFINB
FREFIN
VTUNE
DVDD AVDD
AVDD
CE
16
27
17
29
1
2
3
22
VVCO
14
15
10
20
7
PDBRF
26
6
VP
5
4
RFOUTA–
RFOUTA+
12
11
7.5nH
7.5nH
1nF
1nF
VOUT
VRF
1nF
1nF
FREFIN
28
VDD
MUXOUT
LOCK
DETECT
25
30
32
CREG2
100nF
CREG1
100nF
LPF
LPF
CPGND
AGND
8
31
9
13
18 21
AGNDRF AGNDVCO
19
23
24
SDGND
10pF
0.1µF 10pF
0.1µF 10pF
0.1µF
VREGVCO
VBIAS
VREF
Figure 44. Direct Conversion Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com