công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8562 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors

tên linh kiện PCF8562
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 22Page - NXP Semiconductors PCF8562 Datasheet HTML 23Page - NXP Semiconductors PCF8562 Datasheet HTML 24Page - NXP Semiconductors PCF8562 Datasheet HTML 25Page - NXP Semiconductors PCF8562 Datasheet HTML 26Page - NXP Semiconductors PCF8562 Datasheet HTML 27Page - NXP Semiconductors PCF8562 Datasheet HTML 28Page - NXP Semiconductors PCF8562 Datasheet HTML 29Page - NXP Semiconductors PCF8562 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
November 22, 2004
26
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
Table 14 SYNC contact resistance
The contact resistance between the SYNC input/output on each cascaded device must be controlled. If the resistance is
too high, the device will not be able to synchronize properly; this is particularly applicable to chip-on-glass applications.
The maximum SYNC contact resistance allowed for the number of devices in cascade is given in Table 14.
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices” ).
NUMBER OF DEVICES
MAXIMUM CONTACT
RESISTANCE
2
6 000
Ω
3 to 5
2 200
Ω
6 to 10
1 200
Ω
10 to 16
700
Ω
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+6.5
V
VLCD
LCD supply voltage
VSS
− 0.5
+7.5
V
Vi1
input voltage CLK, SYNC, SA0, OSC, A0 to A2
VSS
− 0.5
VDD
+ 0.5
V
Vi2
input voltage SCL and SDA
VSS
− 0.5
+6.5
V
VO
output voltage S0 to S39, BP0 to BP3
VSS
− 0.5
VDD
+ 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
IDD
VDD current
−50
+50
mA
ISS
VSS current
−50
+50
mA
ILCD
VLCD current
−50
+50
mA
Ptot
total power dissipation
−
400
mW
PO
power dissipation per output
−
100
mW
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com