công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8562 bảng dữ liệu(PDF) 23 Page - NXP Semiconductors

tên linh kiện PCF8562
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 bảng dữ liệu(HTML) 23 Page - NXP Semiconductors

Back Button PCF8562 Datasheet HTML 19Page - NXP Semiconductors PCF8562 Datasheet HTML 20Page - NXP Semiconductors PCF8562 Datasheet HTML 21Page - NXP Semiconductors PCF8562 Datasheet HTML 22Page - NXP Semiconductors PCF8562 Datasheet HTML 23Page - NXP Semiconductors PCF8562 Datasheet HTML 24Page - NXP Semiconductors PCF8562 Datasheet HTML 25Page - NXP Semiconductors PCF8562 Datasheet HTML 26Page - NXP Semiconductors PCF8562 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
November 22, 2004
23
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
Table 4
Definition of PCF8562 commands
Note
1.
Not used.
COMMAND
OPCODE
OPTIONS
DESCRIPTION
MODE SET
C
1
0
(1)
E
B
M1
M0
Table 5
Defines LCD drive mode.
Table 6
Defines LCD bias configuration.
Table 7
Defines display status; the possibility to
disable the display allows implementation
of blinking under external control.
LOAD DATA
POINTER
C
0
P5
P4
P3
P2
P1
P0
Table 8
Six bits of immediate data, bits P5 to P0,
are transferred to the data pointer to
define one of 32 display RAM addresses.
DEVICE
SELECT
C
1
1
0
0
A2
A1
A0
Table 9
Three bits of immediate data, bits A0 to
A2, are transferred to the subaddress
counter to define one of eight hardware
subaddresses.
BANK
SELECT
C
1
1
1
1
0
I
O
Table 10
Defines input bank selection (storage of
arriving display data).
Table 11
Defines output bank selection (retrieval of
LCD display data); the BANK SELECT
command has no effect in 1 : 3 and 1 : 4
multiplex drive modes.
BLINK
C
1
1
1
0
A
BF1 BF0 Table 12
Defines the blink frequency.
Table 13
Selects the blink mode; normal operation
with frequency set by BF1, BF0 or blinking
by alternating display RAM banks;
alternating RAM bank blinking does not
apply in 1 : 3 and 1 : 4 multiplex drive
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36