công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 40 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 36Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 37Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 38Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 39Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 40Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 41Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 42Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 43Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 170 page
background image
tw(RSL1)
th(boot-mode)(B)
XCLKIN
X1/X2
XRS
Boot-Mode
Pins
V
(1.2V/1.1V)
DD
XCLKOUT
I/OPins
User-CodeDependent
User-CodeDependent
Boot-ROMExecutionStarts
Peripheral/GPIOFunction
BasedonBootCode
GPIOPinsasInput
OSCCLK/64 (A)
GPIOPinsasInput(StateDependsonInternalPU/PD)
tOSCST
User-CodeDependent
Address/Data/
Control
(Internal)
Address/DataValid.InternalBoot-ROMCodeExecutionPhase
User-CodeExecutionPhase
td(EX)
OSCCLK/16
V
(3.3V)
DDIO
V
(1.8V)
DD18
t
pup
(C)
40
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Specifications
Copyright © 2009–2018, Texas Instruments Incorporated
A.
Upon power up, SYSCLKOUT is OSCCLK/8. Because the XTIMCLK, CLKMODE, and BY4CLKMODE bits in the
XINTFCNF2 register come up with a reset state of 1, SYSCLKOUT is further divided by 8 before it applies to
XCLKOUT. This explains why XCLKOUT = OSCCLK/64 during this phase. Subsequently, boot ROM changes
SYSCLKOUT to OSCLK/2. Because the XTIMCLK register is unchanged by the boot ROM, XCLKOUT is OSCCLK/16
during this phase.
B.
After reset, the boot ROM code samples Boot Mode pins. Based on the status of the Boot Mode pin, the boot code
branches to destination memory or boot code function. If boot ROM code executes after power-on conditions (in
debugger environment), the boot code execution time is based on the current SYSCLKOUT speed. The SYSCLKOUT
will be based on user environment and could be with or without PLL enabled.
C.
See Section 5.9.2 for requirements to ensure a high-impedance state for GPIO pins during power up.
Figure 5-3. Power-on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com