công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 17Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 18Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 19Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 20Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 21Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 22Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 23Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 24Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
21
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Terminal Configuration and Functions
Copyright © 2009–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
NAME
ZHH
BALL #
ZFE
BALL #
DESCRIPTION
GPIO37
ECAP2
XZCS7
D11
B12
General-purpose input/output 37 (I/O/Z)
Enhanced Capture input/output 2 (I/O)
External Interface zone 7 chip select (O)
GPIO38
-
XWE0
C12
E15
General-purpose input/output 38 (I/O/Z)
-
External Interface Write Enable 0 (O). XWE0 defaults back to GPIO38 upon reset, during which
time it will be high-impedance.
GPIO39
-
XA16
A2
B4
General-purpose input/output 39 (I/O/Z)
-
External Interface Address Line 16 (O)
GPIO40
-
XA0
E10
C12
General-purpose input/output 40 (I/O/Z)
-
External Interface Address Line 0
GPIO41
-
XA1
D10
B11
General-purpose input/output 41 (I/O/Z)
-
External Interface Address Line 1 (O)
GPIO42
-
XA2
B10
C11
General-purpose input/output 42 (I/O/Z)
-
External Interface Address Line 2 (O)
GPIO43
-
XA3
A10
B10
General-purpose input/output 43 (I/O/Z)
-
External Interface Address Line 3 (O)
GPIO44
-
XA4
A9
C10
General-purpose input/output 44 (I/O/Z)
-
External Interface Address Line 4 (O)
GPIO45
-
XA5
B9
C9
General-purpose input/output 45 (I/O/Z)
-
External Interface Address Line 5 (O)
GPIO46
-
XA6
E7
B8
General-purpose input/output 46 (I/O/Z)
-
External Interface Address Line 6 (O)
GPIO47
-
XA7
D6
C8
General-purpose input/output 47 (I/O/Z)
-
External Interface Address Line 7 (O)
GPIO48
ECAP5
XD31
SPISIMOD
M10
R11
General-purpose input/output 48 (I/O/Z)
Enhanced Capture input/output 5 (I/O)
External Interface Data Line 31 (O)
SPI-D slave in, master out (I/O)
GPIO49
ECAP6
XD30
SPISOMID
P10
P11
General-purpose input/output 49 (I/O/Z)
Enhanced Capture input/output 6 (I/O)
External Interface Data Line 30 (O)
SPI-D slave out, master in (I/O)
GPIO50
EQEP1A
XD29
SPICLKD
N10
T12
General-purpose input/output 50 (I/O/Z)
Enhanced QEP 1input A (I)
External Interface Data Line 29 (O)
SPI-D Clock input/output (I/O)
GPIO51
EQEP1B
XD28
SPISTED
N11
R12
General-purpose input/output 51 (I/O/Z)
Enhanced QEP 1input B (I)
External Interface Data Line 28 (O)
SPI-D slave transmit enable input/output (I/O)
GPIO52
EQEP1S
XD27
M11
P12
General-purpose input/output 52 (I/O/Z)
Enhanced QEP 1Strobe (I/O)
External Interface Data Line 27 (O)
GPIO53
EQEP1I
XD26
L11
T13
General-purpose input/output 53 (I/O/Z)
Enhanced QEP1 lndex (I/O)
External Interface Data Line 26 (O)
GPIO54
SPISIMOA
XD25
EQEP3A
P12
R13
General-purpose input/output 54 (I/O/Z)
SPI-A slave in, master out (I/O)
External Interface Data Line 25 (O)
Enhanced QEP3 input A (I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com