công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 39 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 35Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 36Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 37Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 38Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 39Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 40Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 41Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 42Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 170 page
background image
39
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Specifications
Copyright © 2009–2018, Texas Instruments Incorporated
5.9.2
Power Sequencing
No special requirements are placed on the power up/down sequence of the various power pins to ensure
the correct reset state for all the modules. However, if the 3.3-V transistors in the level shifting output
buffers of the I/O pins are powered prior to the 1.1-V/1.2-V transistors, it is possible for the output buffers
to turn on, causing a glitch to occur on the pin during power up. To avoid this behavior, power the
VDD pins prior to or simultaneously with the VDDIO pins, ensuring that the VDD pins have reached 0.7-V
before the VDDIO pins reach 0.7 V. The 1.8-V rail for the PLL and oscillator logic can be powered up along
with VDD/VDDIO rails. The 1.8-V rail must be powered even if the PLL is not used. It should never be left
unpowered. In any configuration, all the rails should ramp up within tpup (5 ms, typical) to allow early
stability of clocks and IOs.
There is a requirement on the XRS pin:
•
During power up, the XRS pin must be held low for tw(RSL1) after the input clock is stable. This is to
enable the entire device to start from a known condition.
No voltage larger than a diode drop (0.7 V) above VDDIO should be applied to any digital pin before
powering up the device. Voltages applied to pins on an unpowered device can bias internal P-N junctions
in unintended ways and produce unpredictable results.
5.9.2.1
Power Management and Supervisory Circuit Solutions
LDO selection depends on the total power consumed in the end application. Go to the Power
Management page for a list of TI power management ICs. Click the Reference designs tab for specific
power management reference designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com