công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 3Page - Texas Instruments TMS320C28343 Datasheet HTML 4Page - Texas Instruments TMS320C28343 Datasheet HTML 5Page - Texas Instruments TMS320C28343 Datasheet HTML 6Page - Texas Instruments TMS320C28343 Datasheet HTML 7Page - Texas Instruments TMS320C28343 Datasheet HTML 8Page - Texas Instruments TMS320C28343 Datasheet HTML 9Page - Texas Instruments TMS320C28343 Datasheet HTML 10Page - Texas Instruments TMS320C28343 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 170 page
background image
Copyright © 2009–2018, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
7
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the C2000 Real-Time Control Peripherals Reference Guide and in the peripheral reference guides.
(2)
TMX samples will come with the ZEP designator. The designator will change to ZFE after TMS.
3
Device Comparison
Table 3-1. Device Comparison
FEATURE
TYPE
(1)
C28346
(300 MHz)
C28345
(200 MHz)
C28344
(300 MHz)
C28343
(200 MHz)
C28342
(300 MHz)
C28341
(200 MHz)
Package type
–
256-ball ZFE
BGA
(2)
256-ball ZFE
BGA
(2)
179-ball ZHH
BGA
256-ball ZFE
BGA
(2)
256-ball ZFE
BGA
(2)
179-ball ZHH
BGA
256-ball ZFE
BGA
(2)
256-ball ZFE
BGA
(2)
179-ball ZHH
BGA
Instruction cycle
–
3.33 ns
5 ns
3.33 ns
5 ns
3.33 ns
5 ns
Floating-point unit
–
Yes
Yes
Yes
Yes
Yes
Yes
Single-access RAM (SARAM) (16-bit word)
–
258K
258K
130K
130K
98K
98K
Code security for on-chip SARAM blocks
–
No
No
No
No
No
No
Boot ROM (8K ×16)
–
Yes
Yes
Yes
Yes
Yes
Yes
16-/32-bit External Interface (XINTF)
1
Yes
Yes
Yes
Yes
Yes
Yes
6-channel Direct Memory Access (DMA)
0
Yes
Yes
Yes
Yes
Yes
Yes
PWM channels
0
ePWM1/2/3/
4/5/6/7/8/9
ePWM1/2/3/
4/5/6/7/8/9
ePWM1/2/3/
4/5/6/7/8/9
ePWM1/2/3/
4/5/6/7/8/9
ePWM1/2/3/
4/5/6
ePWM1/2/3/
4/5/6
HRPWM channels
0
ePWM1A/2A/
3A/4A/5A/6A/
7A/8A/9A
ePWM1A/2A/
3A/4A/5A/6A/
7A/8A/9A
ePWM1A/2A/
3A/4A/5A/6A/
7A/8A/9A
ePWM1A/2A/
3A/4A/5A/6A/
7A/8A/9A
ePWM1A/2A/
3A/4A/5A/6A
ePWM1A/2A/
3A/4A/5A/6A
32-bit capture inputs or auxiliary PWM outputs
0
6
6
6
6
4
4
32-bit QEP channels (four inputs/channel)
0
3
3
3
3
2
2
Watchdog timer
–
Yes
Yes
Yes
Yes
Yes
Yes
External ADC interface
–
Yes
Yes
Yes
Yes
Yes
Yes
32-bit CPU timers
–
3
3
3
3
3
3
Multichannel Buffered Serial Port (McBSP)/SPI
1
2
2
2
2
1
1
Serial Peripheral Interface (SPI)
0
2
2
2
2
2
2
Serial Communications Interface (SCI)
0
3
3
3
3
3
3
Enhanced Controller Area Network (eCAN)
0
2
2
2
2
2
2
Inter-Integrated Circuit (I2C)
0
1
1
1
1
1
1
General-Purpose Input/Output (GPIO) pins
(shared)
–
88
88
88
88
88
88
External interrupts
–
8
8
8
8
8
8
Temperature
options
T: –40°C to 105°C
–
ZFE
ZFE
ZHH
ZFE
ZFE
ZHH
ZFE
ZFE
ZHH
S: –40°C to 125°C
–
ZFE
ZFE
–
ZFE
ZFE
–
ZFE
ZFE
–
Q: –40°C to 125°C
(AEC Q100 qualification)
–
ZFE
ZFE
–
ZFE
ZFE
–
ZFE
ZFE
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com